Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK11052 Datasheet (PDF) - TOKO, Inc

TK11052 Datasheet PDF - TOKO, Inc
Part # TK11052
Download  TK11052 Download
File Size   124.86 Kbytes
Page   12 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description THERMOSTAT IC

TK11052 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11052 Datasheet PDF - TOKO, Inc

Part # TK11052
Download  TK11052 Click to download

File Size   124.86 Kbytes
Page   12 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description THERMOSTAT IC

TK11052 Datasheet (HTML) - TOKO, Inc


TK11052 Product details

DESCRIPTION
The TK11052 is an accurate temperature controller IC for use over the -30 to +105 °C temperature range. The TK11052 monolithic bipolar integrated circuit contains a temperature sensor, stable voltage reference and two comparators, making the device very useful as an on/off thermostat. Two external resistors easily set the sensing temperature threshold and hysteresis of each thermostat. Its wide operating voltage range of 2.7 to 6.0 V makes this IC suitable for a number of applications requiring an accurate thermostat.
The TK11052 is available in a miniature SOT23L-8 surface mount package.

FEATURES
■ Internal Temperature Sensor, Voltage Reference and Two Comparators with
■ Temperature Threshold and Hysteresis Set by Only Two External Resistors
■ Output Logic: Low to High with Increasing Temp. by OUTPUT1 High to Low with Increasing Temp. by OUTPUT2
■ Very Wide Operating Supply Range (VCC = 2.7 to 6.0 V)
■ Miniature Package (SOT23L-8)
■ Minimum External Parts Count
■ Low Power Consumption
■ Very Wide Temperature Range

APPLICATIONS
■ Home and Industrial Thermostats
■ Home Appliance Temperature Control
■ Notebook Computer Temperature Monitor
■ Pentium Processor Temperature Monitor
■ Power Supply Overtemperature Protection
■ Copy Machine Overtemperature Protection
■ System Overtemperature Protection




Similar Part No. - TK11052

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11050 TOKO-TK11050 Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11050M TOKO-TK11050M Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11050MTL TOKO-TK11050MTL Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051M TOKO-TK11051M Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
More results


Similar Description - TK11052

ManufacturerPart #DatasheetDescription
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
DIGITAL THERMOSTAT
logo
Seiko Instruments Inc
S5840B SII-S5840B Datasheet
179Kb / 15P
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S5841 SII-S5841 Datasheet
449Kb / 26P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com