Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI-925A Datasheet (PDF) - BOSER Technology Co., Ltd

MPI-925A Datasheet PDF - BOSER Technology Co., Ltd
Part # MPI-925A
Download  MPI-925A Download
File Size   89.64 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 250W AC-DC AT Power Supply

MPI-925A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPI-925A Datasheet PDF - BOSER Technology Co., Ltd

Part # MPI-925A
Download  MPI-925A Click to download

File Size   89.64 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 250W AC-DC AT Power Supply

MPI-925A Datasheet (HTML) - BOSER Technology Co., Ltd


MPI-925A Product details

FEATURES
* Input Voltage: 90~265VAC
* Input Frequency: 47~63Hz
* Inrush Current: Does not exceed 30A at 115VAC input or 60A AC input, at cold start 25°C
* Load Range: When all outputs are at 60% rated load condition, the +5V output is set between 4.90~5.10V and all other outputs are within the specified voltage accuracy range
* Ripple And Noise: Peak to peak ripple and noise for each output is < 1% of each output voltage at rated load 115~230VAC
* Line Regulation: < +/-1% at rated load with +/-10% change in input voltage
* Load Regulation: The output voltage load regulation is less than the values on the table when each output loading changes +/-40% from 60% rated load while all other outputs at 60% rated load
* Hold Up Time: 14ms typ. from the last AC line charging pulse to the point when +5V drops down to +4.75V
* Output Power: Total DC continuous power is within 200W at 40oC ambient temperature. If the input voltage is < 100VAC, total DC continuous power should not exceed 180W
* Power Good Signal: Goes high 100~500ms after all DC output is ready
* Power Failure: Goes low 1ms before any DC output falls
* Efficiency: > 65% at nominal line and rated load
* Altitude: 10,000 feet
* Protection: Built-in crowbar circuit automatically shuts down outputs to avoid damaging external circuits. Trip point of O.V.P. circuit is between 5.7~7.0V
* Temperature: 0~+70°C (operating); -40~+75°C (storage)
* Humidity: 5~95%; non-condensing at 40oC (operating)
* Connectors:
    AC Input/Output: Meets IEC 320/CEE 22 standard
    Tab Terminals: Female 0.250" x 0.032"
    CPU Board: Alex 8500-06 or equivalent device 3.5" Disk Drive: AMP 1-480424-0/171822-4 or equivalent device
* Dimensions: 14.0 x 15.0 x 8.62 cm with +/-0.8mm and +/- 0.4mm tolerance between mounting holes
* MTBF: 156,598 hrs.




Similar Part No. - MPI-925A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MPI-900-10 BEL-MPI-900-10 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
MPI-900-12 BEL-MPI-900-12 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
MPI-900-16 BEL-MPI-900-16 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
MPI-900-20 BEL-MPI-900-20 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
MPI-900-230 BEL-MPI-900-230 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
More results


Similar Description - MPI-925A

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
250W AC-DC AT Power Supply
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
250W AC-DC ATX Power Supply supports ATX2.03
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
250W High Density AC/DC Power Supply
MVAC250 MURATA-MVAC250_13 Datasheet
348Kb / 8P
250W High Density AC-DC Power Supply
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
250W AC/DC Desktop Power Adapter
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
250W250W Redundant Power Supply
EFRD-S2257HPM ETC2-EFRD-S2257HPM Datasheet
467Kb / 2P
DC To DC 250W ERP1U Redundant Power Supply
logo
Murata Power Solutions ...
MVAC250-12F MURATA-PS-MVAC250-12F Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFD MURATA-PS-MVAC250-24AFD Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48F MURATA-PS-MVAC250-48F Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com