Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI-8080 Datasheet (PDF) - BOSER Technology Co., Ltd

MPI-8080 Datasheet PDF - BOSER Technology Co., Ltd
Part # MPI-8080
Download  MPI-8080 Download
File Size   66.67 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 80W AC-DC Open Frame Power Supply Output 100W with Fan Required

MPI-8080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPI-8080 Datasheet PDF - BOSER Technology Co., Ltd

Part # MPI-8080
Download  MPI-8080 Click to download

File Size   66.67 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 80W AC-DC Open Frame Power Supply Output 100W with Fan Required

MPI-8080 Datasheet (HTML) - BOSER Technology Co., Ltd


MPI-8080 Product details

Features

* Input Voltage: 85~264VAC

* Input Frequency: 47~63Hz

* Input Current: 3A at 115VAC or 1.5A at 230VAC max. capacitors

* Inrush Current: Does not exceed 30A at 115VAC input or 60A at 230VAC input, cold start at 25°C

* Load Regulation: With +5V output set between 4.95~5.05V and all output at 60% rated load, and all other outputs in the accuracy range, max. load can not > 80W convection cooling and > 100W forced air cooling

* Ripple And Noise: Peak to peak ripple and noise for each output is < 1% of each output voltage at rated load

* Line Regulation: < +/-1% at rated load with +/-10% change in input voltage

* Load Regulation: < +/-1% for +5V, < +/-5% for other outputs with +/-40% change in measured output loading from 60% rated load and other outputs at 60% rated laod

* Hold Up Time: > 16ms at 115VAC input and rated load

* Efficiency: > 70% at nominal line and rated load

* Altitude: 10,000 feet

* Protection:

   Short Circuit: Hiccup mode against short circuit or over load conditions auto recovery to normal after wrong conditions are removed Output: Built-in crowbar circuit shuts down outputs to avoid damage. Trip point of over voltage protection is between 5.7~7.0V AC line ON/OFF restarts and recovers the unit from over voltage protection

* Temperature: 0~+50°C, requires forces air of 30CFM for outputs > 80W (operating); -20~+70°C (storage)

* Humidity: 5~95%; non-condensing at 40°C (operating)

* Dimensions: 15.24 x 8.38 x 3.8 cm within +/-0.4mm tolerance

* MTBF: 283,179 hrs.

 



 




Similar Part No. - MPI-8080

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
MPI-806H BOSER-MPI-806H Datasheet
215Kb / 1P
100W AC-DC Power Supply
More results


Similar Description - MPI-8080

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
BOSER Technology Co., L...
BPW-7010 BOSER-BPW-7010 Datasheet
60Kb / 1P
100W AC-DC Open Frame Power Supply
BPW-8071 BOSER-BPW-8071 Datasheet
70Kb / 1P
70W DC-DC Open Frame Power Supply Input Range: 10~30VDC Output 70W with 22FCM Fan Required
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
80W AC-DC Open Frame Power Supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
List of Unclassifed Man...
EOFP-100M ETC2-EOFP-100M Datasheet
326Kb / 2P
100W OPEN FRAME Power Supply
logo
CINCON ELECTRONICS Corp...
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com