Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5-436-30D Datasheet (PDF) - Roithner LaserTechnik GmbH

B5-436-30D Datasheet PDF - Roithner LaserTechnik GmbH
Part # B5-436-30D
Download  B5-436-30D Download
File Size   159.88 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Super bright LED Lamp

B5-436-30D Datasheet (PDF)

Go To PDF Page Download Datasheet
B5-436-30D Datasheet PDF - Roithner LaserTechnik GmbH

Part # B5-436-30D
Download  B5-436-30D Click to download

File Size   159.88 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Super bright LED Lamp

B5-436-30D Datasheet (HTML) - Roithner LaserTechnik GmbH


B5-436-30D Product details

DESCRIPTION

 Super bright LED Lamp

 Round type

 T1-3/4 (5mm) diameter

 Lens color: Water Clear

 With Flange

 Solder leads without stand-off



FEATURES

 Emitted color: Super Red

 High Luminous intensity

 Technology: GaAlAs

 Peak wavelength λp= 660nm

 Viewing angle: 30 °




Similar Part No. - B5-436-30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B5-430-JD ETC-B5-430-JD Datasheet
103Kb / 3P
Super bright LED Lamp
logo
Roithner LaserTechnik G...
B5-430-JD ROITHNER-B5-430-JD Datasheet
110Kb / 3P
Super bright LED Lamp
B5-433-20 ROITHNER-B5-433-20 Datasheet
196Kb / 4P
B5-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5-433-20D ROITHNER-B5-433-20D Datasheet
159Kb / 3P
Super bright LED Lamp
B5-433-B505 ROITHNER-B5-433-B505 Datasheet
189Kb / 4P
B5-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
More results


Similar Description - B5-436-30D

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
Super bright LED Lamp
B5-430-JD ROITHNER-B5-430-JD Datasheet
110Kb / 3P
Super bright LED Lamp
B5-433-20D ROITHNER-B5-433-20D Datasheet
159Kb / 3P
Super bright LED Lamp
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
Super bright LED Lamp
B5-435-30 ROITHNER-B5-435-30 Datasheet
159Kb / 3P
Super bright LED Lamp
B5-437-CVD ROITHNER-B5-437-CVD Datasheet
161Kb / 4P
Super bright LED Lamp
B5B-436-30 ROITHNER-B5B-436-30 Datasheet
159Kb / 3P
Super bright LED Lamp
B3B-443-B505 ROITHNER-B3B-443-B505 Datasheet
125Kb / 3P
super bright led lamp
B3B-447-IX ROITHNER-B3B-447-IX Datasheet
124Kb / 3P
super bright led lamp
B5-43SUN-JD ROITHNER-B5-43SUN-JD Datasheet
195Kb / 3P
super bright led lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com