Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK14588 Datasheet (PDF) - TOKO, Inc

TK14588 Datasheet PDF - TOKO, Inc
Part # TK14588
Download  TK14588 Download
File Size   233.88 Kbytes
Page   20 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description FM IF IC

TK14588 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK14588 Datasheet PDF - TOKO, Inc

Part # TK14588
Download  TK14588 Click to download

File Size   233.88 Kbytes
Page   20 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description FM IF IC

TK14588 Datasheet (HTML) - TOKO, Inc


TK14588 Product details

DESCRIPTION
The TK14588V is a standard function general purpose IF IC capable of operating up to 22 MHz. The TK14588V contains a high-speed data comparator for base band processing. The TK14588V has a unique function that allows establishing the demodulation characteristics by changing the external RC time constant, and not changing the phase shifter constant. The RSSI output is individually trimmed, resulting in excellent accuracy, good linearity, and stable temperature characteristics. The TK14588V was developed for high-speed data communication, DECT, wireless LAN, keyless entry systems, etc.

FEATURES
■ Input Frequency (~22 MHz)
■ Low Voltage Operation (2.3 to 5.5 V)
■ Battery Save Function
■ Wide Band Demodulator (~1 MHz)
■ High Speed Data Comparator (~2 Mbps)
■ Very Small Package (TSSOP-16)

APPLICATIONS
■ Communications Equipment
■ Wireless LAN
■ Keyless Entry Systems




Similar Part No. - TK14588

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
TK14583VTL-G TOKO-TK14583VTL-G Datasheet
180Kb / 2P
Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
FM IF IC
TK14584M TOKO-TK14584M Datasheet
196Kb / 20P
FM IF IC
TK14584M/584 TOKO-TK14584M/584 Datasheet
196Kb / 20P
FM IF IC
More results


Similar Description - TK14588

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
NARROW BAND FM IF IC
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
FM IF IC FOR PAGER
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
FM IF IC
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
NARROW BAND FM IF IC
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
FM IF Detector IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
NARROW BAND FM IF IC
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
FM IF Detector IC
May, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com