Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRX44 Datasheet (PDF) - Motorola, Inc

BRX44 Datasheet PDF - Motorola, Inc
Part # BRX44
Download  BRX44 Download
File Size   82.26 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS

BRX44 Datasheet (PDF)

Go To PDF Page Download Datasheet
BRX44 Datasheet PDF - Motorola, Inc

Part # BRX44
Download  BRX44 Click to download

File Size   82.26 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS

BRX44 Datasheet (HTML) - Motorola, Inc


BRX44 Product details

Silicon Controlled Rectifiers

PNPN devices designed for high volume, line-powered consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive TO-226AA (TO-92) package which is readily adaptable for use in automatic insertion equipment.

• Sensitive Gate Trigger Current — 200 µA Maximum
• Low Reverse and Forward Blocking Current — 100 µA Maximum, TC = 125°C
• Low Holding Current — 5 mA Maximum
• Glass-Passivated Surface for Reliability and Uniformity




Similar Part No. - BRX44

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BRX44 BOCA-BRX44 Datasheet
31Kb / 1P
SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
BRX44 CENTRAL-BRX44 Datasheet
22Kb / 1P
0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Digitron Semiconductors
BRX44 DIGITRON-BRX44 Datasheet
147Kb / 2P
SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
BRX44 CENTRAL-BRX44 Datasheet
77Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
BRX44 NJSEMI-BRX44 Datasheet
44Kb / 1P
Silicon Controlled Rectifiers
More results


Similar Description - BRX44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BRY55 MOTOROLA-BRY55 Datasheet
88Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 600 VOLTS
MAC08BT1 MOTOROLA-MAC08BT1 Datasheet
205Kb / 5P
TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
SCRs 8 AMPERES RMS 400 thru 800 VOLTS
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
SCR 0.8 AMPERE RMS 200 thru 600 Volts
logo
Powerex Power Semicondu...
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
logo
New Jersey Semi-Conduct...
2N2322 NJSEMI-2N2322 Datasheet
168Kb / 1P
1.6A RMS UP TO 400 VOLTS
logo
Micro Commercial Compon...
MCR100-6 MCC-MCR100-6 Datasheet
323Kb / 3P
0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts
MCR100F-6 MCC-MCR100F-6 Datasheet
298Kb / 3P
0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com