Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5171 Datasheet (PDF) - ON Semiconductor

CAT5171 Datasheet PDF - ON Semiconductor
Part # CAT5171
Download  CAT5171 Download
File Size   171.63 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Position I2C Compatible Digital Potentiometer

CAT5171 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5171 Datasheet PDF - ON Semiconductor

Part # CAT5171
Download  CAT5171 Click to download

File Size   171.63 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Position I2C Compatible Digital Potentiometer

CAT5171 Datasheet (HTML) - ON Semiconductor


CAT5171 Product details

256‐position I2C Compatible Digital Potentiometer (POT)

The CA5171 is a 256-position digital linear taper potentiometer ideally suited for replacing mechanical potentiometers and variable resistors.
The wiper settings are controlled through an I2C-compatible digital interface. Upon power-up, the wiper assumes a midscale position and may be repositioned anytime after the power is stable. The device can be programmed to reset the wiper position to midscale or to go to a shutdown state during operation. An address input pin, AD0, allows the connection of two devices onto the same I2C bus.

Features
• 256-position
• End-to-End Resistance: 50 kΩ, 100 kΩ
• I2C Compatible Interface
• Power-on Preset to Midscale
• Single Supply 2.7 V to 5.5 V
• Low Temperature Coefficient 100 ppm/°C
• Low Power, IDD 2 μA max
• Wide Operating Temperature −40°C to +85°C
• SOT−23 8-lead (2.9 mm × 3 mm) Package
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Potentiometer Replacement
• Transducer Adjustment of Pressure, Temperature, Position, Chemical, and Optical Sensors
• RF Amplifier Biasing
• Gain Control and Offset Adjustment




Similar Part No. - CAT5171

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
209Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
CAT5171 ONSEMI-CAT5171 Datasheet
133Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
CAT5171TBI-00GT3 ONSEMI-CAT5171TBI-00GT3 Datasheet
209Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
CAT5171TBI-00GT3 ONSEMI-CAT5171TBI-00GT3 Datasheet
133Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
CAT5171TBI-50GT3 ONSEMI-CAT5171TBI-50GT3 Datasheet
209Kb / 12P
256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
More results


Similar Description - CAT5171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
256-Position I2C짰-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
256-Position IC-Compatible Digital Potentiometer
REV. B
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com