Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5172 Datasheet (PDF) - ON Semiconductor

CAT5172 Datasheet PDF - ON Semiconductor
Part # CAT5172
Download  CAT5172 Download
File Size   179.49 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Position SPI Compatible Digital Potentiometer

CAT5172 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5172 Datasheet PDF - ON Semiconductor

Part # CAT5172
Download  CAT5172 Click to download

File Size   179.49 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256-Position SPI Compatible Digital Potentiometer

CAT5172 Datasheet (HTML) - ON Semiconductor


CAT5172 Product details

256‐position SPI Compatible Digital Potentiometer (POT)

The CAT5172 is a 256-position digital linear taper potentiometer ideally suited for replacing mechanical potentiometers and variable resistors. Like mechanical potentiometers, the CAT5172 has a resistive element, which can span VCC to Ground or float anywhere between the power supply rails.
Wiper settings are controlled through an SPI-compatible digital interface. Upon power-up, the wiper assumes a mid-span position and may be repositioned anytime after the power is stable.

Features
• 256-position
• End-to-End Resistance: 50 kΩ, 100 kΩ
• SPI Compatible Interface
• Power-on Preset to Midscale
• Single Supply 2.7 V to 5.5 V
• Low Temperature Coefficient 100 ppm/°C
• Low Power, IDD 2 μA max
• Wide Operating Temperature −40°C to +85°C
• SOT−23 8-lead (2.9 mm x 3 mm) Package
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Potentiometer Replacement
• Transducer Adjustment of Pressure, Temperature, Position, Chemical, and Optical Sensors
• RF Amplifier Biasing
• Gain Control and Offset Adjustment




Similar Part No. - CAT5172

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
222Kb / 10P
256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
CAT5172TBI-00GT3 ONSEMI-CAT5172TBI-00GT3 Datasheet
222Kb / 10P
256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
CAT5172TBI-50GT3 ONSEMI-CAT5172TBI-50GT3 Datasheet
222Kb / 10P
256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
More results


Similar Description - CAT5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
256-Position SPI Compatible Digital Potentiometer
AD5162 AD-AD5162 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com