Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15409 Datasheet (PDF) - TOKO, Inc

TK15409 Datasheet PDF - TOKO, Inc
Part # TK15409
Download  TK15409 Download
File Size   57.26 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 75 OHM VIDEO LINE DRIVER

TK15409 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK15409 Datasheet PDF - TOKO, Inc

Part # TK15409
Download  TK15409 Click to download

File Size   57.26 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 75 OHM VIDEO LINE DRIVER

TK15409 Datasheet (HTML) - TOKO, Inc


TK15409 Product details

DESCRIPTION
Operating from a single +5 V supply, the TK15409 is a video line driver IC that takes standard Y and C analog inputs and provides a composite analog output for driving 150 Ω loads (75 Ω resistor and 75 Ω cable load). Internal summing of the Y and C inputs is performed to produce the composite video output. The luminance (Y) input is clamped at 1.25 V and amplified 6 dB; the chromanance (C) input is biased at 2.0 V and amplified 6 dB. The internal 1.5 kΩ SAG function resistor provides gain compensation for low frequency signals. During standby (Pin 5 grounded), the TK15409 consumes only 127 µW of power. Nominal power dissipation (no input) is typically 90 mW.
The TK15409M is available in the very small SOT23L-8 surface mount package.

FEATURES
■ Internal Y-C Summing Circuit
■ Voltage Gain is 6 dB Fixed
■ Internal 75 Ω Driver
■ Active High ON/OFF Control
■ Very Low Standby Current (typ. ISTBY ≤ 25 µA)
■ Very Small Output Capacitor Using SAG Function Pin
■ Very Small Package (SOT23L-8)
■ Single +5 V Power Supply Operation

APPLICATIONS
■ Video Equipment
■ Digital Cameras
■ CCD Cameras
■ TV Monitors
■ Video Tape Recorders
■ LCD Projectors




Similar Part No. - TK15409

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400M TOKO-TK15400M Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400MTL TOKO-TK15400MTL Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400MTL/400 TOKO-TK15400MTL/400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
Active High ON/OFF Control
More results


Similar Description - TK15409

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com