Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15411 Datasheet (PDF) - TOKO, Inc

TK15411 Datasheet PDF - TOKO, Inc
Part # TK15411
Download  TK15411 Download
File Size   64.6 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 75 OHM VIDEO LINE DRIVER

TK15411 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK15411 Datasheet PDF - TOKO, Inc

Part # TK15411
Download  TK15411 Click to download

File Size   64.6 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 75 OHM VIDEO LINE DRIVER

TK15411 Datasheet (HTML) - TOKO, Inc


TK15411 Product details

DESCRIPTION
Operating from a single +5 V supply, the TK15411 is a single-channel video line driver IC that takes a standard video analog input and provides a buffered analog output for driving a 150 Ω load. The standard video input signal (1 VP-P typical) is internally clamped to 1.25 V and amplified 6 dB to produce 2 VP-P (typical) into a series 75 Ω resistor and 75 Ω cable load. The internal 1.5 kΩ SAG function resistor provides gain compensation for low frequency signals. The built-in superimpose circuit provides two levels (45 and 140 IRE) of character generation to the video signal. During standby (Pin 5 grounded), the TK15411 consumes only 125 µW of power. Nominal power dissipation (no input) is typically 73 mW.

FEATURES
■ Superimpose Circuit for Two-Level (45 and 140 IRE) Character Generation
■ Fixed Gain (6 dB)
■ Internal 75 Ω Driver with Clamp Circuit
■ Very Small Output Capacitor Using SAG Function Pin
■ Active High ON/OFF Control
■ Very Low Standby Current (typ. ISTBY ≤ 25 µA)
■ Single +5 V Power Supply Operation

APPLICATIONS
■ Video Equipment
■ Digital Cameras
■ CCD Cameras
■ TV Monitors
■ Video Tape Recorders
■ LCD Projectors




Similar Part No. - TK15411

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410M TOKO-TK15410M Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410MTL TOKO-TK15410MTL Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410MTL/410 TOKO-TK15410MTL/410 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
More results


Similar Description - TK15411

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com