Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK65015 Datasheet (PDF) - TOKO, Inc

TK65015 Datasheet PDF - TOKO, Inc
Part # TK65015
Download  TK65015 Download
File Size   116.14 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR

TK65015 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK65015 Datasheet PDF - TOKO, Inc

Part # TK65015
Download  TK65015 Click to download

File Size   116.14 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR

TK65015 Datasheet (HTML) - TOKO, Inc


TK65015 Product details

DESCRIPTION

The TK65015 Low Power Step-Up DC-DC converter is designed for portable battery powered systems, capable of operating from a single battery cell down to 0.9 V. The output voltage is laser-trimmed to 3.0 V. An internal detector monitors the output voltage and provides an active-low microprocessor reset signal whenever the output voltage falls below an internally preset limit. An internal undervoltage lockout circuit is utilized to prevent the inductor switch from remaining in the "ON" mode when the battery voltage is too low to permit normal operation.



FEATURES

■ 0.9 V Operation

■ Very Low Quiescent Current

■ Internal Bandgap Reference

■ High Efficiency

■ Low Output Ripple

■ Microprocessor Reset Output

■ Laser-Trimmed Output Voltage

■ Undervoltage Lockout

■ Regulation by Pulse Burst Modulation (PBM)



APPLICATIONS

■ Battery Powered Systems

■ Cellular Telephones

■ Pagers

■ Personal Communications Equipment

■ Portable Instrumentation

■ Portable Consumer Equipment

■ Radio Control Systems




Similar Part No. - TK65015

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK65018M TOKO-TK65018M Datasheet
33Kb / 5P
CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK65018MITL TOKO-TK65018MITL Datasheet
33Kb / 5P
CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
More results


Similar Description - TK65015

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
STEP-UP VOLTAGE CONVERTER
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
Step-up DC/DC Converter with Voltage Detector
logo
Linear Technology
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com