Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115161L Datasheet (PDF) - OSA Opto Light GmbH

115161L Datasheet PDF - OSA Opto Light GmbH
Part # 115161L
Download  115161L Download
File Size   52.96 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs Chips (substrate removed)

115161L Datasheet (PDF)

Go To PDF Page Download Datasheet
115161L Datasheet PDF - OSA Opto Light GmbH

Part # 115161L
Download  115161L Click to download

File Size   52.96 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs Chips (substrate removed)

115161L Datasheet (HTML) - OSA Opto Light GmbH




Similar Part No. - 115161L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
115161-0007 ITT-115161-0007 Datasheet
35Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
115161-0020 ITT-115161-0020 Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
logo
OSA Opto Light GmbH
115161H OSA-115161H Datasheet
52Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
More results


Similar Description - 115161L

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
126164 OSA-126164 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
126284 OSA-126284 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
127141N OSA-127141N Datasheet
52Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
128254 OSA-128254 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
133154 OSA-133154 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
133254 OSA-133254 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
135144 OSA-135144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
136144 OSA-136144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
136274 OSA-136274 Datasheet
54Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
137141 OSA-137141 Datasheet
52Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com