Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115261L Datasheet (PDF) - OSA Opto Light GmbH

115261L Datasheet PDF - OSA Opto Light GmbH
Part # 115261L
Download  115261L Download
File Size   53.05 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs LED Chips (substrate removed)

115261L Datasheet (PDF)

Go To PDF Page Download Datasheet
115261L Datasheet PDF - OSA Opto Light GmbH

Part # 115261L
Download  115261L Click to download

File Size   53.05 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs LED Chips (substrate removed)

115261L Datasheet (HTML) - OSA Opto Light GmbH




Similar Part No. - 115261L

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
115260 OSA-115260 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
logo
ITT Industries
115267-1461 D ITT-115267-1461 D Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
115267-1461D ITT-115267-1461D Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
115267-1543 D ITT-115267-1543 D Datasheet
33Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
115267-1543D ITT-115267-1543D Datasheet
33Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
More results


Similar Description - 115261L

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
115160 OSA-115160 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
124141 OSA-124141 Datasheet
52Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
124141L OSA-124141L Datasheet
52Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
125144L OSA-125144L Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
125244 OSA-125244 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
126244 OSA-126244 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
126244F OSA-126244F Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
132141L OSA-132141L Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
132144 OSA-132144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
190150 OSA-190150 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips (substrate removed)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com