Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMAD4448 Datasheet (PDF) - Central Semiconductor Corp

CMAD4448 Datasheet PDF - Central Semiconductor Corp
Part # CMAD4448
Download  CMAD4448 Download
File Size   149.97 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ULTRA HIGH SPEED SWITCHING DIODE

CMAD4448 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMAD4448 Datasheet PDF - Central Semiconductor Corp

Part # CMAD4448
Download  CMAD4448 Click to download

File Size   149.97 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ULTRA HIGH SPEED SWITCHING DIODE

CMAD4448 Datasheet (HTML) - Central Semiconductor Corp


CMAD4448 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMAD4448 is an ultra high speed switching diode ideal for applications where very small size and operational efficiency are prime requirements.

FEATURES:
• Current (IO=250mA)
• Forward Voltage Drop (VF=0.91V TYP @ 100mA)
• Extremely Fast Switching Speed (4ns Max)
• Miniture, 0.8 x 0.6 x 0.4mm, ultra low height profile
   FEMTOminiTM Surface Mount Package.

APPLICATIONS:
• DC / DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered applications including
   Cell Phones, Digital Cameras, Pagers,
   PDAs, Laptop Computers, etc.




Similar Part No. - CMAD4448

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD4448 CENTRAL-CMAD4448_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMAD4448 CENTRAL-CMAD4448_15 Datasheet
346Kb / 2P
ULTRA HIGH SPEED SILICON SWITCHING DIODE
More results


Similar Description - CMAD4448

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448 Datasheet
358Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMAD4448 CENTRAL-CMAD4448_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4448 CENTRAL-CLL4448_10 Datasheet
303Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMOD4448 CENTRAL-CMOD4448 Datasheet
494Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448TR CENTRAL-CMHD4448TR Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CFD4448 CENTRAL-CFD4448_15 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com