Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMAD6001 Datasheet (PDF) - Central Semiconductor Corp

CMAD6001 Datasheet PDF - Central Semiconductor Corp
Part # CMAD6001
Download  CMAD6001 Download
File Size   187.38 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE

CMAD6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMAD6001 Datasheet PDF - Central Semiconductor Corp

Part # CMAD6001
Download  CMAD6001 Click to download

File Size   187.38 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE

CMAD6001 Datasheet (HTML) - Central Semiconductor Corp


CMAD6001 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMAD6001 is an ultra low leakage switching diode ideal for applications where very small size and operational efficiency are prime requirements.

FEATURES:
• Current (IF=250mA)
• Forward Voltage Drop (VF=1.1V MAX @ 100mA)
• Low Reverse Current (500pA MAX @ 75V)
• Miniature, 0.8 x 0.6 x 0.4mm, ultra low height profile
   FEMTOminiTM Surface Mount Package.

APPLICATIONS:
• DC / DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered applications including
   Cell Phones, Digital Cameras, Pagers,
   PDAs, Laptop Computers, etc.




Similar Part No. - CMAD6001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results


Similar Description - CMAD6001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMOD6001 CENTRAL-CMOD6001_11 Datasheet
494Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001_15 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com