Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B30A45VC Datasheet (PDF) - KEC(Korea Electronics)

B30A45VC Datasheet PDF - KEC(Korea Electronics)
Part # B30A45VC
Download  B30A45VC Download
File Size   37.26 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)

B30A45VC Datasheet (PDF)

Go To PDF Page Download Datasheet
B30A45VC Datasheet PDF - KEC(Korea Electronics)

Part # B30A45VC
Download  B30A45VC Click to download

File Size   37.26 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)

B30A45VC Datasheet (HTML) - KEC(Korea Electronics)


B30A45VC Product details

SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.

FEATURES
• Average Output Rectified Current : IO=30A.
• Repetitive Peak Reverse Voltage : VRRM=45V.
• Low Peak Forward Voltage : 0.60V(Max.)




Similar Part No. - B30A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B30A45V KEC-B30A45V Datasheet
259Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B30A45VIC KEC-B30A45VIC Datasheet
72Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B30A45VIC KEC-B30A45VIC Datasheet
444Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B30A45VIC KEC-B30A45VIC_07 Datasheet
444Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B30A45VN KEC-B30A45VN Datasheet
242Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
More results


Similar Description - B30A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B20A45VC KEC-B20A45VC Datasheet
37Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
KEC(Korea Electronics)
B5A60VIC KEC-B5A60VIC_07 Datasheet
444Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B10A45VI KEC-B10A45VI_07 Datasheet
50Kb / 3P
SCHOTTKY BARRIER TYPE DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com