Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9138 Datasheet (PDF) - PCA ELECTRONICS INC.

EP9138 Datasheet PDF - PCA ELECTRONICS INC.
Part # EP9138
Download  EP9138 Download
File Size   30.36 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description SMD 28 Pin Passive Delay Lines

EP9138 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP9138 Datasheet PDF - PCA ELECTRONICS INC.

Part # EP9138
Download  EP9138 Click to download

File Size   30.36 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description SMD 28 Pin Passive Delay Lines

EP9138 Datasheet (HTML) - PCA ELECTRONICS INC.


EP9138 Product details

SMD 28 Pin Passive Delay Lines




Similar Part No. - EP9138

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP910 ALTERA-EP910 Datasheet
1Mb / 41P
Classic EPLD Family
EP910 ALTERA-EP910 Datasheet
639Kb / 42P
The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
logo
PCA ELECTRONICS INC.
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100(-RC) PCA-EP9100(-RC) Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100-RC PCA-EP9100-RC Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
More results


Similar Description - EP9138

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
14 Pin DIP Passive Delay Lines
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
14 Pin DIP Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
SMD Single Output Passive Delay Lines
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
14 Pin Auto-Insertable/SMD Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
14 Pin DIP Passive Delay Lines
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
14 Pin Auto-Insertable/SMD Passive Delay Lines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com