Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA1885-1 Datasheet (PDF) - PCA ELECTRONICS INC.

EPA1885-1 Datasheet PDF - PCA ELECTRONICS INC.
Part # EPA1885-1
Download  EPA1885-1 Download
File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Isolation Transformers for LAN-Ethernet Applications

EPA1885-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPA1885-1 Datasheet PDF - PCA ELECTRONICS INC.

Part # EPA1885-1
Download  EPA1885-1 Click to download

File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Isolation Transformers for LAN-Ethernet Applications

EPA1885-1 Datasheet (HTML) - PCA ELECTRONICS INC.


EPA1885-1 Product details

EPA1885-X & EPA1885-X-RC

• Designed for IEEE 802.3 and ECMA Requirements

• Available in Low Profile S.O.I.C. 16 Pin SMD Package

• Add “-RC” after part number for RoHS Compliant

• Hipot : both 2000 Vrms and 500 Vrms available in compliance with LAN’s Safety Requirements

• Storage Temperature : -40°C to +125°C

• Operating Temperature : 0°C to +70°C

• UL 94V-0 Recognized Materials



 




Similar Part No. - EPA1885-1

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1885-1 PCA-EPA1885-1 Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1885-10 PCA-EPA1885-10 Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Similar Description - EPA1885-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7325 FILTRAN-7325 Datasheet
142Kb / 1P
LAN Isolation Transformers for 10 Base-T
logo
TALEMA Group. LLC
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
logo
Pulse A Technitrol Comp...
E2452NL PULSE-E2452NL Datasheet
80Kb / 2P
ISOLATION TRANSFORMERS FOR 10BASE-T APPLICATIONS
logo
PCA ELECTRONICS INC.
EP9531-1 PCA-EP9531-1 Datasheet
21Kb / 1P
Isolation Transformers for LAN-Ethernet Applications
EP9531G-1 PCA-EP9531G-1 Datasheet
92Kb / 1P
Isolation Transformers for LAN-Ethernet Applications
EP9547-1 PCA-EP9547-1 Datasheet
81Kb / 1P
Isolation Transformers for LAN-Ethernet Applications
EP9547G-1 PCA-EP9547G-1 Datasheet
87Kb / 1P
Isolation Transformers for LAN-Ethernet Applications
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
Isolation Transformer for Lan-Ethernet Applications
EPA1473J-1 PCA-EPA1473J-1 Datasheet
56Kb / 1P
Isolation Transformers for LAN-Ethernet Applications
logo
Bothhand USA, LP.
TA035-01 BOTHHAND-TA035-01 Datasheet
33Kb / 1P
ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com