Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1R5GU Datasheet (PDF) - Toshiba Semiconductor

1R5GU Datasheet PDF - Toshiba Semiconductor
Part # 1R5GU
Download  1R5GU Download
File Size   144.39 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUPER FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)

1R5GU Datasheet (PDF)

Go To PDF Page Download Datasheet
1R5GU Datasheet PDF - Toshiba Semiconductor

Part # 1R5GU
Download  1R5GU Click to download

File Size   144.39 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUPER FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)

1R5GU Datasheet (HTML) - Toshiba Semiconductor


1R5GU Product details

SWITCHING MODE POWER SUPPLY APPLICATIONS



• Repetitive Peak Reverse Voltage  : VRRM= 400V
• Average Forward Current  : IF (AV)= 1.5A (Ta = 25°C)
• Very Fast Reverse−Recovery Time  : trr= 100ns




Similar Part No. - 1R5GU

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
logo
Shenzhen Taychipst Elec...
1R5GU41 TAYCHIPST-1R5GU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
logo
Gulf Semiconductor
1R5GU4G GULFSEMI-1R5GU4G Datasheet
101Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?50V CURRENT竊?.5A
More results


Similar Description - 1R5GU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1GH45 TOSHIBA-1GH45 Datasheet
143Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1JH46 TOSHIBA-1JH46 Datasheet
145Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1NH41 TOSHIBA-1NH41 Datasheet
141Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1NH42 TOSHIBA-1NH42 Datasheet
146Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1R5DU41 TOSHIBA-1R5DU41 Datasheet
144Kb / 3P
SUPER FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1R5GH45 TOSHIBA-1R5GH45 Datasheet
142Kb / 2P
FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1R5NH41 TOSHIBA-1R5NH41 Datasheet
145Kb / 2P
FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1R5NH45 TOSHIBA-1R5NH45 Datasheet
141Kb / 2P
FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
2NH45 TOSHIBA-2NH45 Datasheet
142Kb / 2P
FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
2NU41 TOSHIBA-2NU41 Datasheet
152Kb / 2P
SUPER FAST RECOVERY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com