Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8179TK Datasheet (PDF) - NEC

UPC8179TK Datasheet PDF - NEC
Part # UPC8179TK
Download  UPC8179TK Download
File Size   289.32 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC8179TK Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8179TK Datasheet PDF - NEC

Part # UPC8179TK
Download  UPC8179TK Click to download

File Size   289.32 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC8179TK Datasheet (HTML) - NEC


UPC8179TK Product details

DESCRIPTION

The µPC8179TK is a silicon monolithic integrated circuit designed as amplifier for mobile communications. This IC can realize low current consumption with external chip inductor which can not be realized on internal 50 Ω wide band matched IC. µPC8179TK adopts 6-pin lead-less minimold package using same chip as the conventional µPC8179TB in 6-pin super minimold.

TK suffix IC which is smaller package than TB suffix IC contributes to reduce mounting space by 50%. This IC is manufactured using our 30 GHz fmaxUHS0 (Ultra High Speed Process) silicon bipolar process.



FEATURES

•  Low current consumption  : ICC= 4.0 mA TYP. @ VCC= 3.0 V

•  Supply voltage  : VCC= 2.4 to 3.3 V

•  Excellent isolation  : ISL = 43.0 dB TYP. @ f = 1.0 GHz

  ISL = 42.0 dB TYP. @ f = 1.9 GHz

  ISL = 42.0 dB TYP. @ f = 2.4 GHz

•  Power gain  : GP= 13.5 dB TYP. @ f = 1.0 GHz

  GP= 15.5 dB TYP. @ f = 1.9 GHz

  GP= 16.0 dB TYP. @ f = 2.4 GHz

•  Gain 1 dB compression output power  : PO (1 dB)= +2.0 dBm TYP. @ f = 1.0 GHz

  PO (1 dB)= +0.5 dBm TYP. @ f = 1.9 GHz

  PO (1 dB)= +0.5 dBm TYP. @ f = 2.4 GHz

•  Operating frequency  : 0.1 to 2.4 GHz (Output port LC matching)

•  High-density surface mounting  : 6-pin lead-less minimold package (1.5 ×1.3 ×0.55 mm)

•  Light weight  : 3 mg (Standard value)




Similar Part No. - UPC8179TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8179TK RENESAS-UPC8179TK Datasheet
419Kb / 29P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
logo
California Eastern Labs
UPC8179TK-E2 CEL-UPC8179TK-E2 Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8179TK-E2 RENESAS-UPC8179TK-E2 Datasheet
419Kb / 29P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results


Similar Description - UPC8179TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com