Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC1013P Datasheet (PDF) - PCA ELECTRONICS INC.

EPC1013P Datasheet PDF - PCA ELECTRONICS INC.
Part # EPC1013P
Download  EPC1013P Download
File Size   17.56 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Ethernet DC/DC Converter

EPC1013P Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC1013P Datasheet PDF - PCA ELECTRONICS INC.

Part # EPC1013P
Download  EPC1013P Click to download

File Size   17.56 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Ethernet DC/DC Converter

EPC1013P Datasheet (HTML) - PCA ELECTRONICS INC.


EPC1013P Product details

Ethernet DC/DC Converter

• Designed for Low Common Mode Noise
• 75% Typ. Efficiency at Full Load @ Nominial Input Voltage
• Input Filter to Reduce Input Ripple Current
• Add “-LF” after part number for Lead-Free
• Storage Temperature : -40°C to +125°C
• Operating Temperature : 0°C to +70°C
• Input/Output Isolation : 500 Vrms
• Regulated Output




Similar Part No. - EPC1013P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1013P ETC1-EPC1013P Datasheet
15Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1013P PCA-EPC1013P_15 Datasheet
17Kb / 1P
Ethernet DC/DC Converter
More results


Similar Description - EPC1013P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com