Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU323Z Datasheet (PDF) - Motorola, Inc

BU323Z Datasheet PDF - Motorola, Inc
Part # BU323Z
Download  BU323Z Download
File Size   200.63 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS

BU323Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BU323Z Datasheet PDF - Motorola, Inc

Part # BU323Z
Download  BU323Z Click to download

File Size   200.63 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS

BU323Z Datasheet (HTML) - Motorola, Inc


BU323Z Product details

NPN Silicon Power Darlington High Voltage Autoprotected

The BU323Z is a planar, monolithic, high–voltage power Darlington with a built–in active zener clamping circuit. This device is specifically designed for unclamped, inductive applications such as Electronic Ignition, Switching Regulators and Motor Control, and exhibit the following main features:

• Integrated High–Voltage Active Clamp
• Tight Clamping Voltage Window (350 V to 450 V) Guaranteed Over the –40°C to +125°C Temperature Range
• Clamping Energy Capability 100% Tested in a Live Ignition Circuit
• High DC Current Gain/Low Saturation Voltages Specified Over Full Temperature Range
• Design Guarantees Operation in SOA at All Times
• Offered in Plastic SOT–93/TO–218 Type or TO–220 Packages




Similar Part No. - BU323Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
164Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
1996 REV 8
BU323Z ONSEMI-BU323Z Datasheet
142Kb / 7P
NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
BU323Z ONSEMI-BU323Z Datasheet
178Kb / 6P
NPN Silicon Power Darlington
October, 2009 ??Rev. 14
BU323Z ONSEMI-BU323Z Datasheet
132Kb / 8P
NPN Silicon Power Darlington
May, 2012 ??Rev. 16
logo
Inchange Semiconductor ...
BU323Z ISC-BU323Z Datasheet
291Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Similar Description - BU323Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
164Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
1996 REV 8
logo
Powerex Power Semicondu...
KD324515 POWEREX-KD324515 Datasheet
428Kb / 4P
Dual Darlington Transistor Module (150 Amperes/600 Volts)
KD421K15 POWEREX-KD421K15 Datasheet
402Kb / 4P
Dual Darlington Transistor Module (150 Amperes/1000 Volts)
KS221K15 POWEREX-KS221K15 Datasheet
393Kb / 4P
Single Darlington Transistor Module (150 Amperes/1000 Volts)
KS224515 POWEREX-KS224515 Datasheet
480Kb / 4P
Single Darlington Transistor Module (150 Amperes/600 Volts)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com