Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2634 Datasheet (PDF) - Maxim Integrated Products

MAX2634 Datasheet PDF - Maxim Integrated Products
Part # MAX2634
Download  MAX2634 Download
File Size   164.95 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/433MHz Low-Noise Amplifier for Automotive RKE

MAX2634 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2634 Datasheet PDF - Maxim Integrated Products

Part # MAX2634
Download  MAX2634 Click to download

File Size   164.95 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/433MHz Low-Noise Amplifier for Automotive RKE

MAX2634 Datasheet (HTML) - Maxim Integrated Products


MAX2634 Product details

General Description

The MAX2634 low-noise amplifier (LNA) with low-power shutdown mode is optimized for 315MHz and 433.92MHz automotive remote keyless entry (RKE) applications. At 315MHz, the LNA achieves 15.5dB power gain and a 1.25dB noise figure while only con suming 2.5mA of supply current from a 2.2V to 5.5V power supply. An integrated logic-controlled low-power shutdown mode reduces power consumption to 0.1µA and replaces the two transistors typically required to implement the shutdown function in discrete-based RKE LNA solutions. The device further reduces component count by integrating the output matching and DC blocking components, and only requires a single inductor to match the input for best noise figure and input return loss



Features

♦ Optimized for 308MHz, 315MHz, 418MHz,

and 433.92MHz

♦ 2.2V to 5.5V Supply Voltage Range

♦ Low Operating Supply Current

2.5mA (typ), 4mA (max)

♦ Logic-Controlled 1µA (max) Shutdown

♦ Typical Performance at 315MHz

    1.25dB Noise Figure

    -16dBm Input IP3

    15.5dB Power Gain

♦ Automotive Temperature Range -40°C to +125°C

♦ ESD Rating of ±2.5kV (HBM) on All Pins

♦ AEC-Q100 Qualification



Applications

Remote Keyless Entry (RKE)

Tire Pressure Monitoring Systems (TPMS)

Security

Garage Door Openers

Telemetry Receivers




Similar Part No. - MAX2634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634AXT+ MAXIM-MAX2634AXT+ Datasheet
634Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634AXT/V+ MAXIM-MAX2634AXT/V+ Datasheet
634Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
More results


Similar Description - MAX2634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX2181 MAXIM-MAX2181 Datasheet
1Mb / 10P
FM Automotive Low-Noise Amplifier
Rev 0; 12/12
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
logo
Maxim Integrated Produc...
MAX2181A MAXIM-MAX2181A Datasheet
1Mb / 9P
FM Automotive Low-Noise Amplifier
Rev 0; 2/13
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com