Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3671 Datasheet (PDF) - Maxim Integrated Products

MAX3671 Datasheet PDF - Maxim Integrated Products
Part # MAX3671
Download  MAX3671 Download
File Size   458.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter Frequency Synthesizer with Selectable Input Reference

MAX3671 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3671 Datasheet PDF - Maxim Integrated Products

Part # MAX3671
Download  MAX3671 Click to download

File Size   458.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter Frequency Synthesizer with Selectable Input Reference

MAX3671 Datasheet (HTML) - Maxim Integrated Products


MAX3671 Product details

General Description
The MAX3671 is a low-jitter frequency synthesizer that accepts two reference clock inputs and generates nine phase-aligned outputs. The device features 40kHz jitter transfer bandwidth, 0.3psRMS (12kHz to 20MHz) integrated phase jitter, and best-in-class power-supply noise rejection (PSNR), making it ideal for jitter cleanup, frequency translation, and clock distribution in Gigabit Ethernet applications.

Features
♦ Two Reference Clock Inputs: LVPECL
♦ Nine Phase-Aligned Clock Outputs: LVPECL
♦ Input Frequencies: 62.5MHz,125MHz, 250MHz, 312.5MHz
♦ Output Frequencies: 62.5MHz, 125MHz, 156.25MHz, 250MHz, 312.5MHz
♦ Low-Jitter Generation: 0.3psRMS (12kHz to 20MHz)
♦ Clock Failure Indicator for Both Reference Clocks
♦ External Feedback Provides Zero-Delay Capability
♦ Low Output Skew: 20ps Typical

Applications
    Gigabit Ethernet Routers and Switches
    Frequency Translation
    Jitter Cleanup
    Clock Distribution




Similar Part No. - MAX3671

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670 MAXIM-MAX3670 Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670ETJ+ MAXIM-MAX3670ETJ+ Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
More results


Similar Description - MAX3671

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3673 MAXIM-MAX3673 Datasheet
444Kb / 16P
Low-Jitter Frequency Synthesizer with Selectable Input Reference
Rev 0; 2/09
logo
SYNERGY MICROWAVE CORPO...
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL1114-5 SYNERGY-FCPL1114-5 Datasheet
466Kb / 3P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL-70 SYNERGY-FCPL-70 Datasheet
460Kb / 3P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH100125-10 SYNERGY-FCPH100125-10 Datasheet
511Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
Selectable frequency SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
SELECTABLE FREQUENCY SYNTHESIZER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com