Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7360 Datasheet (PDF) - Maxim Integrated Products

MAX7360 Datasheet PDF - Maxim Integrated Products
Part # MAX7360
Download  MAX7360 Download
File Size   1748.4 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection

MAX7360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7360 Datasheet PDF - Maxim Integrated Products

Part # MAX7360
Download  MAX7360 Click to download

File Size   1748.4 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection

MAX7360 Datasheet (HTML) - Maxim Integrated Products


MAX7360 Product details

General Description

The MAX7360 I2C-interfaced peripheral provides micro processors with management of up to 64 key switches, with an additional eight LED drivers/GPIOs that feature constant-current, PWM intensity control, and rotary switch control options. The key-switch drivers interface with metallic or resistive switches with on-resistances up to 5kI. Key inputs are monitored statically, not dynamically, to ensure low-EMI operation. The MAX7360 features autosleep and autowake modes to further minimize the power consumption of the device. The autosleep feature puts the device in a low-power state (1FA typ) after a sleep timeout period. The autowake feature configures the

MAX7360 to return to normal operating mode from sleep upon a keypress.



Features

Integrated ESD Protection

  ±8kV IEC 61000-4-2 Contact Discharge

  ±15kV IEC 61000-4-2 Air-Gap Discharge

+14V Tolerant, Open-Drain I/O Ports Capable of Constant-Current LED Drive

Rotary Switch-Capable Input Pair (PORT6, PORT7)

256-Step PWM Individual LED Intensity Control

Individual LED Blink Rates and Common LED Fade In/Out Rates from 256ms to 4096ms

FIFO Queues Up to 16 Debounced Key Events

User-Configurable Key Debounce (9ms to 40ms)

Keyscan Uses Static Matrix Monitoring for Low EMI Operation

+1.62V to +3.6V Operation

Monitors Up to 64 Keys

Key-Switch Interrupt (INTK) on Each Debounced Event/FIFO Level, or End of Definable Time Period

Port Interrupt (INTI) for Input Ports for Special-Key Functions

400kbps, +5.5V Tolerant 2-Wire Serial Interface with Selectable Bus Timeout

Four I2C Address Choices



Applications

Cell Phones

PDAs

Handheld Games

Portable Consumer Electronics

Printers

Instrumentation




Similar Part No. - MAX7360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7360 MAXIM-MAX7360 Datasheet
894Kb / 32P
I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX7360ETL+ MAXIM-MAX7360ETL+ Datasheet
1Mb / 32P
I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360ETL+ MAXIM-MAX7360ETL+ Datasheet
894Kb / 32P
I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX7360EWX+ MAXIM-MAX7360EWX+ Datasheet
1Mb / 32P
I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360EWX+ MAXIM-MAX7360EWX+ Datasheet
894Kb / 32P
I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
More results


Similar Description - MAX7360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
logo
Maxim Integrated Produc...
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370_12 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7360 MAXIM-MAX7360_11 Datasheet
1Mb / 32P
I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
logo
Shanghai awinic technol...
AW9233 AWINIC-AW9233 Datasheet
2Mb / 48P
3-Key Capacitive Touch Controller Integrated with 3-LED Driver
logo
Maxim Integrated Produc...
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com