Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS394 Datasheet (PDF) - Toshiba Semiconductor

1SS394 Datasheet PDF - Toshiba Semiconductor
Part # 1SS394
Download  1SS394 Download
File Size   119.24 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (HIGH SPEED SWITCHING APLICATION)

1SS394 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS394 Datasheet PDF - Toshiba Semiconductor

Part # 1SS394
Download  1SS394 Click to download

File Size   119.24 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (HIGH SPEED SWITCHING APLICATION)

1SS394 Datasheet (HTML) - Toshiba Semiconductor


1SS394 Product details

High Speed Switching Application

● Small package
● Low forward voltage: VF (2) = 0.23V (typ.) @IF = 5mA

Maximum (peak) reverse Voltage    VRM 15V
Reverse voltage VR 10V
Maximum (peak) forward current     IFM 200mA
Average forward current IO         100mA




Similar Part No. - 1SS394

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS394 TOSHIBA-1SS394 Datasheet
180Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS394 KEXIN-1SS394 Datasheet
34Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS394 TOSHIBA-1SS394_07 Datasheet
180Kb / 3P
High Speed Switching Application
1SS394 TOSHIBA-1SS394_14 Datasheet
191Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results


Similar Description - 1SS394

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS184 TOSHIBA-1SS184 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APLICATION)
1SS382 TOSHIBA-1SS382 Datasheet
128Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APLICATION)
logo
Rohm
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com