Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8845Z Datasheet (PDF) - Maxim Integrated Products

MAX8845Z Datasheet PDF - Maxim Integrated Products
Part # MAX8845Z
Download  MAX8845Z Download
File Size   281.41 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output

MAX8845Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8845Z Datasheet PDF - Maxim Integrated Products

Part # MAX8845Z
Download  MAX8845Z Click to download

File Size   281.41 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output

MAX8845Z Datasheet (HTML) - Maxim Integrated Products


MAX8845Z Product details

General Description
The MAX8845Z/MAX8845Y/MAX8845X/MAX8845W are intelligent, stand-alone constant-current, constant-voltage (CCCV), thermally regulated linear chargers designed for charging a single-cell lithium-ion (Li+) battery. The MAX8845Z/MAX8845Y/MAX8845X/MAX8845W integrate a current-sense circuit, MOSFET pass element, thermal-regulation circuitry, and eliminate the external reverse-blocking Schottky diode to create the simplest and smallest charging solutions for handheld equipment.

Features
♦ CCCV, Thermally Regulated Linear 1-Cell Li+ Battery Charger
♦ No External MOSFET, Reverse Blocking Diode, or Current-Sense Resistor
♦ Programmable Fast-Charge Currents (1ARMS max)
♦ Programmable Top-Off Current Threshold (MIN)
♦ Input Overvoltage Protected 4.7V Output (MAX8845Z/MAX8845Y/MAX8845W) or 4.85V (MAX8845X) (SAFEOUT)
♦ Proprietary Die Temperature Regulation Control (+115°C)
♦ 4.25V (4.4V for MAX8845W only) to 28V Input Voltage Range with Input Overvoltage Protection Above +7.5V (+8.0V for MAX8845X only)
♦ Low-Dropout Voltage (300mV at 500mA)
♦ Input Power-Source Detection Output (POK), Charge Status Output (CHG), Charge-Enable Input (EN)
♦ Output for Autobooting (ABO—MAX8845Z, ABO—MAX8845Y/MAX8845X/MAX8845W)
♦ Tiny, 3mm x 3mm 12-Pin Thin QFN Package, 0.8mm Height (max)

Applications
   Cellular and Cordless Phones
   Smart Phones and PDAs
   Digital Still Cameras
   MP3 Players
   USB Appliances
   Charging Cradles and Docks
   Bluetooth® Equipment




Similar Part No. - MAX8845Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845Z MAXIM-MAX8845Z Datasheet
154Kb / 11P
Programmable Top-Off Current Threshold
Rev 0; 12/08
MAX8845Z MAXIM-MAX8845Z Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845ZETC+ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845ZETC+ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845ZEVKIT MAXIM-MAX8845ZEVKIT Datasheet
154Kb / 11P
Programmable Top-Off Current Threshold
Rev 0; 12/08
More results


Similar Description - MAX8845Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
28V, 1A Li Linear Battery Charger with Timer and LDO Mode
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
logo
Maxim Integrated Produc...
MAX8845W MAXIM-MAX8845W Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com