Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9526 Datasheet (PDF) - Maxim Integrated Products

MAX9526 Datasheet PDF - Maxim Integrated Products
Part # MAX9526
Download  MAX9526 Download
File Size   351.26 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, High-Performance NTSC/PAL Video Decoder

MAX9526 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9526 Datasheet PDF - Maxim Integrated Products

Part # MAX9526
Download  MAX9526 Click to download

File Size   351.26 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, High-Performance NTSC/PAL Video Decoder

MAX9526 Datasheet (HTML) - Maxim Integrated Products


MAX9526 Product details

General Description
The MAX9526 is a low-power video decoder that converts NTSC or PAL composite video signals to 8-bit or 10-bit YCbCr component video compliant with the ITU R BT.656 standard. The device powers up in fully oper ational mode and automatically configures itself to decode the detected input standard. The MAX9526 typically consumes 200mW of power in normal operation and typically less than 100µW in shutdown mode.

Features
♦ Supports All NTSC and PAL Standards NTSC M, NTSC J, NTSC 4.43, PAL B/G/H/I/D, PAL M, PAL N, PAL 60
♦ Easy to Configure and Operate with Only 16 User-Programmable Registers
♦ Automatic Configuration and Standard Select
♦ 10-Bit 4x Oversampling (54Msps) ADC with True 10-Bit Digital Processing
♦ Flexible Output Formatting 10-Bit Parallel ITU-R BT.656 Output with Embedded TRS 8-Bit Parallel ITU-R BT.656 Output with Separate HS and VS
♦ +1.8V Digital and Analog Supply Voltage
♦ +1.7V to +3.45V Digital I/O Supply Voltage
♦ Full Automotive Temperature Range (-40°C to +125°C)
♦ Low-Power Modes
  Shutdown (< 100µW typ)
  Sleep Mode with Continuous Activity Detection (< 5mW typ)
♦ 2-to-1 Video Input Mux with AGC

Applications
  Automotive Entertainment Systems
  Collision Avoidance Systems
  Security Surveillance/CCTV Systems
  Televisions




Similar Part No. - MAX9526

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526 Datasheet
382Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 2; 2/10
MAX9526 MAXIM-MAX9526 Datasheet
798Kb / 18P
Fully Assembled and Tested
Rev 0; 4/09
MAX9526 MAXIM-MAX9526 Datasheet
775Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
MAX9526AEI MAXIM-MAX9526AEI Datasheet
382Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 2; 2/10
MAX9526AEI+ MAXIM-MAX9526AEI+ Datasheet
382Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 2; 2/10
More results


Similar Description - MAX9526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
NTSC/PAL VIDEO DECODER
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
NTSC/PAL Video Decoder
April 1998
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
NTSC/PAL Video Decoder
January 1999
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
NTSC/PAL Video Decoder
April 19, 2007
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
NTSC/PAL Video Decoder
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526_10 Datasheet
382Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 2; 2/10
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
NTSC/PAL Video Decoder
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526_V01 Datasheet
775Kb / 38P
Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com