Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9541AEE+ Datasheet (PDF) - Maxim Integrated Products

MAX9541AEE+ Datasheet PDF - Maxim Integrated Products
Part # MAX9541AEE+
Download  MAX9541AEE+ Download
File Size   347.25 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals

MAX9541AEE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9541AEE+ Datasheet PDF - Maxim Integrated Products

Part # MAX9541AEE+
Download  MAX9541AEE+ Click to download

File Size   347.25 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals

MAX9541AEE+ Datasheet (HTML) - Maxim Integrated Products


MAX9541AEE+ Product details

General Description
The MAX9541/MAX9542 are quadruple-channel, 2:1 video mux amplifiers with input sync tip clamps. These devices select between two video sources and support up to four channels on each source.

Features
● Quad 2:1 Video Mux Amplifiers
● Reconstruction Filters with 9.5MHz Passband and
   47dB Attenuation at 27MHz (MAX9541)
● Fixed Gain of 2V/V
● Input Sync-Tip Clamps
● Shutdown
● 2.7V to 3.6V Single-Supply Operation

Applications
● Industrial




Similar Part No. - MAX9541AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9541 MAXIM-MAX9541 Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT MAXIM-MAX9541EVKIT Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT+ MAXIM-MAX9541EVKIT+ Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
More results


Similar Description - MAX9541AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
Triple, Standard Definition Video Amplifiers
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com