Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9867 Datasheet (PDF) - Maxim Integrated Products

MAX9867 Datasheet PDF - Maxim Integrated Products
Part # MAX9867
Download  MAX9867 Download
File Size   865.91 Kbytes
Page   54 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Power Stereo Audio Codec

MAX9867 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9867 Datasheet PDF - Maxim Integrated Products

Part # MAX9867
Download  MAX9867 Click to download

File Size   865.91 Kbytes
Page   54 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Power Stereo Audio Codec

MAX9867 Datasheet (HTML) - Maxim Integrated Products


MAX9867 Product details

General Description
The MAX9867 is an ultra-low power stereo audio codec designed for portable consumer devices such as mobile phones and portable gaming consoles.

Features
♦ 1.8V Single-Supply Operation
♦ 6.7mW Playback Power Consumption
♦ 90dB Stereo DAC, 8kHz ≤ fS ≤ 48kHz
♦ 85dB Stereo ADC, 8kHz ≤ fS ≤ 48kHz
♦ Battery-Measurement Auxiliary ADC
♦ Support for Any Master Clock Between 10MHz to 60MHz
♦ Stereo Digital Microphone Input Support
♦ Stereo Analog Differential Microphone Inputs
♦ Stereo Headphone Amplifiers: Differential, Single-Ended, or Capacitorless
♦ Stereo Line Inputs
♦ Voiceband Filter with a Stopband Attenuation Greater than 70dB
♦ 1.65V to 3.6V Digital Interface Supply Voltage
♦ I2S/TDM-Compatible Digital Audio Bus
♦ 30-Bump, 2.2mm x 2.7mm 0.4mm-Pitch WLP

Applications
    Cell Phones
    Portable Gaming Devices
    Portable Navigation Devices
    Portable Multimedia Players
    Wireless Headsets




Similar Part No. - MAX9867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
795Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
MAX9867 MAXIM-MAX9867 Datasheet
983Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
MAX9867 MAXIM-MAX9867 Datasheet
1Mb / 24P
Isolation Header for Direct Communication with the MAX9867 I2C and Digital Audio Interfaces
Rev 1; 7/16
logo
Analog Devices
MAX9867 AD-MAX9867 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
Rev 4; 12/21
logo
Maxim Integrated Produc...
MAX9867ETJ+ MAXIM-MAX9867ETJ+ Datasheet
795Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
More results


Similar Description - MAX9867

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com