Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-FIAM3M12 Datasheet (PDF) - Vicor Corporation

M-FIAM3M12 Datasheet PDF - Vicor Corporation
Part # M-FIAM3M12
Download  M-FIAM3M12 Download
File Size   316.62 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military COTS 270 Vin Filter Input Attenuator Module

M-FIAM3M12 Datasheet (PDF)

Go To PDF Page Download Datasheet
M-FIAM3M12 Datasheet PDF - Vicor Corporation

Part # M-FIAM3M12
Download  M-FIAM3M12 Click to download

File Size   316.62 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military COTS 270 Vin Filter Input Attenuator Module

M-FIAM3M12 Datasheet (HTML) - Vicor Corporation


M-FIAM3M12 Product details

Product Highlights

The M-FIAM3 is a DC front-end module that provides EMI filtering and transient protection. The M-FIAM3 enables designers using Vicor’s Maxi, Mini, Micro Series 300 V DC-DC converters to meet conducted emission/ conducted susceptibility per MIL-STD-461E; and input transients per MIL-STD-704E/F. The M-FIAM3 accepts an input voltage of 180 – 375 Vdc and delivers output current up to 3 A.

M-FIAM3 is housed in an industry standard "half brick" module measuring 2.28" x 2.2" x 0.5" and depending upon model selected, may be mounted on-board or in-board for height critical applications.



Features

• EMI filtering-MIL-STD-461E

• Transient protection-MIL-STD-704E/F

• Environments-MIL-STD-810, MIL-STD- 202

• Environmental stress screening

• Low profile mounting options

• Output current up to 3 A

• Mini sized package

• Inrush current limiting



Compatible Products

• Maxi, Mini, Micro Series 300 V Input DC-DC converters



 




Similar Part No. - M-FIAM3M12

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3M12 VICOR-M-FIAM3M12 Datasheet
270Kb / 4P
Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3M12 POWERBOX-M-FIAM3M12 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
More results


Similar Description - M-FIAM3M12

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
Military 28Vin Filter Input Attenuator Module
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
MILITARY COTS EMI FILTER
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com