Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9943 Datasheet (PDF) - Maxim Integrated Products

MAX9943 Datasheet PDF - Maxim Integrated Products
Part # MAX9943
Download  MAX9943 Download
File Size   275.51 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Precision, Low-Power Op Amps

MAX9943 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9943 Datasheet PDF - Maxim Integrated Products

Part # MAX9943
Download  MAX9943 Click to download

File Size   275.51 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Precision, Low-Power Op Amps

MAX9943 Datasheet (HTML) - Maxim Integrated Products


MAX9943 Product details

General Description
The MAX9943/MAX9944 is a family of high-voltage amplifiers that offers precision, low drift, and low-power consumption.

Features
● Wide 6V to 38V Supply Range
● Low 100μV (max) Input Offset Voltage
● Low 0.4μV/°C Offset Drift
● Unity Gain Stable with 1nF Load Capacitance
● 2.4MHz Gain-Bandwidth Product
● 550μA Supply Current
● 20mA Output Current
● Rail-to-Rail Output
● Package Options
    • 3mm x 5mm, 8-Pin μMAX or 3mm x 3mm, 6-Pin TDFN Packages (Single)
    • 5mm x 6mm, 8-Pin SO or 3mm x 3mm, 8-Pin TDFN Packages (Dual)

Applications
● Sensor Interfaces
● Loop-Powered Systems
● Industrial Instrumentation
● High-Voltage ATE
● High-Performance ADC/DAC Input/Output Amplifers




Similar Part No. - MAX9943

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
MAX9943ATT MAXIM-MAX9943ATT Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
MAX9943ATT+ MAXIM-MAX9943ATT+ Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
MAX9943AUA MAXIM-MAX9943AUA Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
MAX9943AUA+ MAXIM-MAX9943AUA+ Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
More results


Similar Description - MAX9943

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. A
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_11 Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
logo
Analog Devices
AD8539ARMZ AD-AD8539ARMZ Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. B
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com