Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9949 Datasheet (PDF) - Maxim Integrated Products

MAX9949 Datasheet PDF - Maxim Integrated Products
Part # MAX9949
Download  MAX9949 Download
File Size   286.63 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Per-Pin Parametric Measurement Units

MAX9949 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9949 Datasheet PDF - Maxim Integrated Products

Part # MAX9949
Download  MAX9949 Click to download

File Size   286.63 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Per-Pin Parametric Measurement Units

MAX9949 Datasheet (HTML) - Maxim Integrated Products


MAX9949 Product details

General Description
The MAX9949/MAX9950 dual parametric measurement units (PMUs) feature a small package size, wide force and measurement range, and high accuracy, making the devices ideal for automatic test equipment (ATE) and other instrumentation that requires a PMU per pin or per site.

Features
♦ Force Voltage/Measure Current (FVMI)
♦ Force Current/Measure Voltage (FIMV)
♦ Force Voltage/Measure Voltage (FVMV)
♦ Force Current/Measure Current (FIMI)
♦ Force Nothing/Measure Voltage (FNMV)
♦ Five Programmable Current Ranges
    ±2µA
    ±20µA
    ±200µA
    ±2mA
    ±25mA
♦ -2V to +7V Through -7V to +13V Input Voltage Range and Higher (Up to 20V Voltage Swing at Full Current)
♦ Force-Current/Measure-Current Voltage Offset (IOS)
♦ Programmable Voltage Clamps for the Force Output
♦ Low-Leakage, High-Z Measure State
♦ 3-Wire Serial Interface
♦ Low Power, 8mA (max) per PMU

Applications
    Memory Testers
    VLSI Testers
    System-on-a-Chip Testers
    Structural Testers




Similar Part No. - MAX9949

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9949 MAXIM-MAX9949 Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9949DCCB+ MAXIM-MAX9949DCCB+ Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9949FCCB+ MAXIM-MAX9949FCCB+ Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
More results


Similar Description - MAX9949

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
763Kb / 20P
Per Pin Parametric Measurement Unit/Source Measure Unit
10/03-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
Dual Channel Per-Pin Parametric Measurement Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951_09 Datasheet
304Kb / 24P
Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
Per Pin Parametric Measurement Unit/Source Measure Unit
9/05-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
Dual Per-Pin Parametric Measurement Units
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com