Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11612 Datasheet (PDF) - Maxim Integrated Products

MAX11612 Datasheet PDF - Maxim Integrated Products
Part # MAX11612
Download  MAX11612 Download
File Size   394.71 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs

MAX11612 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11612 Datasheet PDF - Maxim Integrated Products

Part # MAX11612
Download  MAX11612 Click to download

File Size   394.71 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs

MAX11612 Datasheet (HTML) - Maxim Integrated Products


MAX11612 Product details

General Description
The MAX11612–MAX11617 low-power, 12-bit, multi-channel analog-to-digital converters (ADCs) feature internal track/hold (T/H), voltage reference, clock, and an I2C-compatible 2-wire serial interface. These devices operate from a single supply of 2.7V to 3.6V (MAX11613/MAX11615/MAX11617) or 4.5V to 5.5V (MAX11612/MAX11614/MAX11616) and require only 670µA at the maximum sampling rate of 94.4ksps. Supply current falls below 230µA for sampling rates under 46ksps. AutoShutdown™ powers down the devices between conversions, reducing supply current to less than 1µA at low throughput rates. The MAX11612/MAX11613 have 4 analog input channels each, the MAX11614/MAX11615 have 8 analog input channels each, while the MAX11616/MAX11617 have 12 analog input channels each. The fully differential analog inputs are software configurable for unipolar or bipolar, and single-ended or differential operation.

Features
♦ High-Speed I2C-Compatible Serial Interface
   400kHz Fast Mode
   1.7MHz High-Speed Mode
♦ Single-Supply
   2.7V to 3.6V (MAX11613/MAX11615/MAX11617)
   4.5V to 5.5V (MAX11612/MAX11614/MAX11616)
♦ Ultra-Small Packages
   8-Pin µMAX (MAX11612/MAX11613)
   1.9mm x 2.2mm, 12-Bump WLP (MAX11613)
   16-Pin QSOP (MAX11614–MAX11617)
   2.14mm x 2.0mm, 16-Bump WLP (MAX11615/
   MAX11617)
♦ Internal Reference
   2.048V (MAX11613/MAX11615/MAX11617)
   4.096V (MAX11612/MAX11614/MAX11616)
♦ External Reference: 1V to VDD
♦ Internal Clock
♦ 4-Channel Single-Ended or 2-Channel Fully
   Differential (MAX11612/MAX11613)
♦ 8-Channel Single-Ended or 4-Channel Fully
   Differential (MAX11614/MAX11615)
♦ 12-Channel Single-Ended or 6-Channel Fully
   Differential (MAX11616/MAX11617)
♦ Internal FIFO with Channel-Scan Mode
♦ Low Power
   670µA at 94.4ksps
   230µA at 40ksps
   60µA at 10ksps
   6µA at 1ksps
   0.5µA in Power-Down Mode
♦ Software-Configurable Unipolar/Bipolar

Applications
   Handheld Portable Applications
   Medical Instruments
   Battery-Powered Test Equipment
   Solar-Powered Remote Systems
   Received-Signal-Strength Indicators
   System Supervision




Similar Part No. - MAX11612

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612 Datasheet
310Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11612 MAXIM-MAX11612 Datasheet
1Mb / 9P
12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
MAX11612EUA+ MAXIM-MAX11612EUA+ Datasheet
310Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11612EVSYS MAXIM-MAX11612EVSYS Datasheet
5Mb / 36P
EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11612EVSYS+ MAXIM-MAX11612EVSYS+ Datasheet
5Mb / 36P
Evaluation System
Rev 0; 3/10
More results


Similar Description - MAX11612

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com