Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11601EKA+ Datasheet (PDF) - Maxim Integrated Products

MAX11601EKA+ Datasheet PDF - Maxim Integrated Products
Part # MAX11601EKA+
Download  MAX11601EKA+ Download
File Size   642.82 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs

MAX11601EKA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11601EKA+ Datasheet PDF - Maxim Integrated Products

Part # MAX11601EKA+
Download  MAX11601EKA+ Click to download

File Size   642.82 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs

MAX11601EKA+ Datasheet (HTML) - Maxim Integrated Products


MAX11601EKA+ Product details

General Description

The MAX11600–MAX11605 low-power, 8-bit, multichannel, analog-to-digital converters (ADCs) feature internal track/hold (T/H), voltage reference, clock, and an I2C-compatible 2-wire serial interface. These devices operate from a single supply and require only 350µA at the maximum sampling rate of 188ksps. Auto Shutdown™ powers down the devices between conver sions, reducing supply current to less than 1µA at low throughput rates.



Features

♦ High-Speed I2C-Compatible Serial Interface

   400kHz Fast Mode

   1.7MHz High-Speed Mode

♦ Single Supply

   2.7V to 3.6V (MAX11601/MAX11603/MAX11605)

   4.5V to 5.5V (MAX11600/MAX11602/MAX11604)

♦ Internal Reference

   2.048V (MAX11601/MAX11603/MAX11605)

   4.096V (MAX11600/MAX11602/MAX11604)

♦ External Reference: 1V to VDD

♦ Internal Clock

♦ 4-Channel Single-Ended or 2-Channel Pseudo Differential (MAX11600/MAX11601)

♦ 8-Channel Single-Ended or 4-Channel Pseudo Differential (MAX11602/MAX11603)

♦ 12-Channel Single-Ended or 6-Channel Pseudo Differential (MAX11604/MAX11605)

♦ Internal FIFO with Channel-Scan Mode

♦ Low Power

   350µA at 188ksps

   110µA at 75ksps

   8µA at 10ksps

   1µA in Power-Down Mode

♦ Software Configurable Unipolar/Bipolar

♦ Small Packages

   8-Pin SOT23 (MAX11600/MAX11601)

   16-Pin QSOP (MAX11602–MAX11605)



Applications

  Handheld Portable Applications

  Medical Instruments

  Battery-Powered Test Equipment

  Solar-Powered Remote Systems

  Received-Signal-Strength Indicators

  System Supervision



 




Similar Part No. - MAX11601EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11601 MAXIM-MAX11601 Datasheet
5Mb / 36P
EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
More results


Similar Description - MAX11601EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com