Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14752 Datasheet (PDF) - Maxim Integrated Products

MAX14752 Datasheet PDF - Maxim Integrated Products
Part # MAX14752
Download  MAX14752 Download
File Size   174.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Channel/Dual 4-Channel 72V Analog Multiplexers

MAX14752 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14752 Datasheet PDF - Maxim Integrated Products

Part # MAX14752
Download  MAX14752 Click to download

File Size   174.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Channel/Dual 4-Channel 72V Analog Multiplexers

MAX14752 Datasheet (HTML) - Maxim Integrated Products


MAX14752 Product details

General Description
The MAX14752/MAX14753 are 8-to-1 and dual 4-to-1 high-voltage analog multiplexers. Both devices feature 60Ω (typ) on-resistance with 0.03Ω (typ) on-resistance flatness. These low on-resistance multiplexers conduct equally well in either direction. Flexible logic levels for the channel-select interface are defined by the EN input. The MAX14752 is a 8-to-1 multiplexer and MAX14753 is a dual 4-to-1 multiplexer. Both devices operate with dual supplies of ±10V to ±36V, or a single supply of +20V to +72V.

Features
♦ Wide Dual Power-Supply Range ±36V (max)
♦ Wide Single Power-Supply Range +72V (max)
♦ Low On-Resistance 60Ω (typ)
♦ RON Flatness Over Common-Mode Voltage 0.03Ω (typ)
♦ Low-Input (20nA) On-Leakage Current (max)
♦ EN Voltage Defines Logic Level of S0, S1, and S2
♦ Low IDD Supply Current in Disable Mode 25µA (max)
♦ Overvoltage/Undervoltage Clamp Through Protection Diodes
♦ Break-Before-Make Operation
♦ Pin Compatible with Industry-Standard DG408/DG409




Similar Part No. - MAX14752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
MAX14752EUE+ MAXIM-MAX14752EUE+ Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Similar Description - MAX14752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
Maxim Integrated Produc...
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Analog Devices
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
logo
Vishay Siliconix
DG9408E VISHAY-DG9408E Datasheet
327Kb / 15P
4- / 8-Channel Analog Multiplexers
25-Jul-16
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com