Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17030 Datasheet (PDF) - Maxim Integrated Products

MAX17030 Datasheet PDF - Maxim Integrated Products
Part # MAX17030
Download  MAX17030 Download
File Size   649.46 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers

MAX17030 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17030 Datasheet PDF - Maxim Integrated Products

Part # MAX17030
Download  MAX17030 Click to download

File Size   649.46 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers

MAX17030 Datasheet (HTML) - Maxim Integrated Products


MAX17030 Product details

General Description
The MAX17030/MAX17036 are 3/2-phase interleaved Quick-PWM™ step-down VID power-supply controllers for IMVP-6.5 notebook CPUs. Two integrated drivers and the option to drive a third phase using an external driver such as the MAX8791 allow for a flexible 3/2-phase configuration depending on the CPU being supported.

Features
♦ Triple/Dual-Phase Quick-PWM Controllers
♦ 2 Internal Drivers + 1 External Driver
♦ ±0.5% VOUT Accuracy Over Line, Load, and Temperature
♦ 7-Bit IMVP-6.5 DAC
♦ Dynamic Phase Selection Optimizes Active/Sleep Efficiency
♦ Transient Phase Overlap Reduces Output Capacitance
♦ Transient Suppression Feature (MAX17036 Only)
♦ Integrated Boost Switches
♦ Active Voltage Positioning with Adjustable Gain
♦ Accurate Lossless Current Balance and Current Limit
♦ Remote Output and Ground Sense
♦ Adjustable Output Slew-Rate Control
♦ Power-Good (IMVPOK), Clock Enable (CLKEN), and Thermal-Fault (VRHOT) Outputs
♦ IMVP-6.5 Power Sequencing and Timing Compliant
♦ Output Current Monitor (IMON)
♦ Drives Large Synchronous Rectifier FETs
♦ 7V to 26V Battery Input Range
♦ Adjustable Switching Frequency (600kHz max)
♦ Undervoltage, Overvoltage, and Thermal-Fault Protection

Applications
    IMVP-6.5 SV and XE Core Power Supplies
    High-Current Voltage-Positioned Step-Down Converters
    3 to 4 Li+ Cells Battery to CPU Core Supply Converters
    Notebooks/Desktops/Servers




Similar Part No. - MAX17030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17031ETG+ MAXIM-MAX17031ETG+ Datasheet
576Kb / 24P
Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX17035ETG+ MAXIM-MAX17035ETG+ Datasheet
2Mb / 27P
High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
More results


Similar Description - MAX17030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17528 MAXIM-MAX17528 Datasheet
899Kb / 41P
1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Rev 0; 7/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Intersil Corporation
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
October 26, 2009
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
February 25, 2010
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Maxim Integrated Produc...
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com