Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L9808HSC Datasheet (PDF) - Maxim Integrated Products

Z86L9808HSC Datasheet PDF - Maxim Integrated Products
Part # Z86L9808HSC
Download  Z86L9808HSC Download
File Size   525.57 Kbytes
Page   88 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28-Pin Low-Voltage Infrared Microcontrollers

Z86L9808HSC Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L9808HSC Datasheet PDF - Maxim Integrated Products

Part # Z86L9808HSC
Download  Z86L9808HSC Click to download

File Size   525.57 Kbytes
Page   88 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28-Pin Low-Voltage Infrared Microcontrollers

Z86L9808HSC Datasheet (HTML) - Maxim Integrated Products


Z86L9808HSC Product details

General Description
Based on the Z8 MCU single-chip family of IR microcontrollers, the Z86L81/86/98 features 237 bytes of general-purpose RAM and 24/32/64 KB of ROM. The Maxim CMOS microcontrollers offer fast executing, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, automated pulse generation/reception, and internal key-scan pull-up transistors.

Features
• Low power consumption–40 mW (typical)
• Three standby modes
   – Stop—2 μA (typical)
   – Halt—0.8 mA (typical)
– Low voltage
• Special architecture to automate both generation and reception of complex pulses or signals:
   – One programmable 8-bit counter/timer with two capture registers and two load registers
   – One programmable 16-bit counter/timer with one 16-bit capture register pair and one 16-bit load register pair
   – Programmable input glitch filter for pulse reception
• Six priority interrupts
   – Three external
   – Two assigned to counter/timers
   – One low-voltage detection interrupt
• Low-voltage detection with flag
• Programmable watch-dog/power-on reset circuits
• Two independent comparators with programmable interrupt polarity
• Mask selectable transistor pull-ups on ports 0, 2, 3
• Programmable mask options
   – Oscillator selection: RC oscillator or crystal/other clock source
   – Oscillator operational mode: normal high-frequency operation enabled or 32-KHz operation enabled
   – Port 0: 0–3 pull-ups
   – Port 0: 4–7 pull-ups
   – Port 2: 0–7 pull-ups
   – Port 3: pull-ups
   – Port 0: 0–3 mouse mode: normal mode (.5VDD input threshold) versus mouse mode (.4VDD input threshold)




Similar Part No. - Z86L9808HSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L98ZEM ZILOG-Z86L98ZEM Datasheet
140Kb / 10P
Z8 In-Circuit Emulator
More results


Similar Description - Z86L9808HSC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C62B MICROCHIP-PIC16C62B Datasheet
1Mb / 120P
28-Pin 8-Bit CMOS Microcontrollers
1999
PIC16F877A MICROCHIP-PIC16F877A Datasheet
3Mb / 234P
28/40-pin Enhanced FLASH Microcontrollers
2003
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
20-Pin Low-Voltage IR Microcontrollers
logo
Maxim Integrated Produc...
Z86L82 MAXIM-Z86L82 Datasheet
443Kb / 78P
28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
logo
Microchip Technology
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers
03/26/09
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com