Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC120 Datasheet (PDF) - Semtech Corporation

SC120 Datasheet PDF - Semtech Corporation
Part # SC120
Download  SC120 Download
File Size   454.95 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage Synchronous Boost Converter

SC120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC120 Datasheet PDF - Semtech Corporation

Part # SC120
Download  SC120 Click to download

File Size   454.95 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage Synchronous Boost Converter

SC120 Datasheet (HTML) - Semtech Corporation


SC120 Product details

Description
The SC120 is a high efficiency, low noise, synchronous step-up DC-DC converter that provides boosted voltage levels in low-voltage handheld applications. The wide input voltage range allows use in systems with single NiMH or alkaline battery cells as well as in systems with higher voltage battery supplies. It features an internal 1.2A switch and synchronous rectifi er to achieve up to 94% efficiency and to eliminate the need for an external Schottky diode. The output voltage can be set to 3.3V with internal feedback, or to any voltage within the specified range using a standard resistor divider.

Features
■ Input voltage — 0.7V to 4.5V
■ Minimum input startup voltage — 0.865V
■ Output voltage — fixed at 3.3V; adjustable from 1.8V to 5.0V
■ Peak input current limit — 1.2A
■ Output current at 3.3 VOUT — 80mA with VIN = 1.0V, 190mA with VIN = 1.5V
■ Efficiency up to 94%
■ Internal synchronous rectifier
■ Switching frequency — 1.2MHz
■ Automatic power save
■ Anti-ringing circuit
■ Operating supply current (measured at OUT) — 50μA
■ Shutdown current — 0.1μA (typ)
■ No forward conduction path during shutdown
■ Available in ultra-thin 1.5 × 2.0 × 0.6 (mm) MLPD-UT-6 and SOT23-6 packages
■ Lead-free and halogen-free
■ WEEE and RoHS compliant

Applications
■ MP3 players
■ Smart Phones and cellular phones
■ Palmtop computers and handheld Instruments
■ PCMCIA cards
■ Memory cards
■ Digital cordless phones
■ Personal medical products
■ Wireless VoIP phones
■ Small motors




Similar Part No. - SC120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
Thru-hole Plastic
SC120-P50 GARDTEC-SC120-P50 Datasheet
92Kb / 1P
PLASTIC FAN GARD
SC120-P51 GARDTEC-SC120-P51 Datasheet
104Kb / 1P
PLASTIC FAN GARD
SC120-P70 GARDTEC-SC120-P70 Datasheet
923Kb / 1P
PLASTIC FAN GARD
More results


Similar Description - SC120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
logo
Semtech Corporation
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com