Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1015 Datasheet (PDF) - Toshiba Semiconductor

A1015 Datasheet PDF - Toshiba Semiconductor
Part # A1015
Download  A1015 Download
File Size   156.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)

A1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1015 Datasheet PDF - Toshiba Semiconductor

Part # A1015
Download  A1015 Click to download

File Size   156.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)

A1015 Datasheet (HTML) - Toshiba Semiconductor


A1015 Product details

Audio Frequency General Purpose Amplifier Applications
Driver Stage Amplifier Applications
   
• High voltage and high current: VCEO = −50 V (min),
                                                    IC = −150 mA (max)
• Excellent hFE linearity: hFE (2) = 80 (typ.) at VCE = −6 V, IC = −150 mA
                                      : hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.) (f = 1 kHz)
• Complementary to 2SC1815.
   




Similar Part No. - A1015

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A1015 PANASONIC-A1015 Datasheet
48Kb / 2P
Photo Interrupters
logo
Unisonic Technologies
A1015 UTC-A1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
A1015 FAIRCHILD-A1015 Datasheet
42Kb / 4P
LOW FREQUENCY AMPLIFIER
logo
Hi-Sincerity Mocroelect...
A1015 HSMC-A1015 Datasheet
35Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
Micro Electronics
A1015 MICRO-ELECTRONICS-A1015 Datasheet
73Kb / 1P
PNP SILICON TRANSISTOR
More results


Similar Description - A1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1A01F TOSHIBA-HN1A01F Datasheet
157Kb / 2P
PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1A01FU TOSHIBA-HN1A01FU Datasheet
155Kb / 2P
PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN2A01FU TOSHIBA-HN2A01FU Datasheet
156Kb / 2P
PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
HN3B01F TOSHIBA-HN3B01F Datasheet
266Kb / 5P
PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1A01F TOSHIBA-HN1A01F_07 Datasheet
224Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier
2SA1015 TOSHIBA-2SA1015_07 Datasheet
176Kb / 3P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications
HN4B04J TOSHIBA-HN4B04J Datasheet
255Kb / 6P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications Switching application
2SC1815YTE2FT TOSHIBA-2SC1815YTE2FT Datasheet
279Kb / 4P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications
2SA1015L-Y TOSHIBA-2SA1015L-Y Datasheet
172Kb / 3P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications
HN1B04FU-GR TOSHIBA-HN1B04FU-GR Datasheet
304Kb / 6P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications Switching application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com