Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1049 Datasheet (PDF) - Toshiba Semiconductor

2SA1049 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1049
Download  2SA1049 Download
File Size   139.07 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)

2SA1049 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1049 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1049
Download  2SA1049 Click to download

File Size   139.07 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)

2SA1049 Datasheet (HTML) - Toshiba Semiconductor


2SA1049 Product details

Audio Frequency Amplifier Applications

•  Small package.
•  High breakdown voltage: VCEO= −120 V
•  High hFE: hFE= 200~700
•  Excellent hFElinearity: hFE(IC= −0.1 mA)/hFE(IC= −2 mA) = 0.95 (typ.)
•  Low noise: NF = 1dB (typ.), 10dB (max)
•  Complementary to 2SC2459.




Similar Part No. - 2SA1049

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1049 TOSHIBA-2SA1049 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
More results


Similar Description - 2SA1049

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015L TOSHIBA-2SA1015L Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1048 TOSHIBA-2SA1048 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1145 TOSHIBA-2SA1145 Datasheet
144Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
01-Sep-1997
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1204 TOSHIBA-2SA1204 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1360 TOSHIBA-2SA1360 Datasheet
150Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
01-Sep-1997
2SA1620 TOSHIBA-2SA1620 Datasheet
136Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
10-Apr-1997
2SA817 TOSHIBA-2SA817 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC2705 TOSHIBA-2SC2705 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
01-Sep-1997
2SC2884 TOSHIBA-2SC2884 Datasheet
161Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
10-Apr-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com