Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48540-CQZ Datasheet (PDF) - Cirrus Logic

CS48540-CQZ Datasheet PDF - Cirrus Logic
Part # CS48540-CQZ
Download  CS48540-CQZ Download
File Size   524.81 Kbytes
Page   26 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 32-bit Audio Decoder DSP Family

CS48540-CQZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS48540-CQZ Datasheet PDF - Cirrus Logic

Part # CS48540-CQZ
Download  CS48540-CQZ Click to download

File Size   524.81 Kbytes
Page   26 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 32-bit Audio Decoder DSP Family

CS48540-CQZ Datasheet (HTML) - Cirrus Logic


CS48540-CQZ Product details

Differentiating from the legacy Cirrus multi-standard, multichannel decoders, this new CS485xx family is still based on the same high-performance 32-bit fixed point Digital Signal Processor core but instead is equipped with much less memory, tailoring it for more cost-effective applications associated with multi-channel and virtual-channel sound enhancements.



FEATURES

❐ Cost-effective, High-performance 32-bit DSP

   — 300,000,000 MAC/S (multiply accumulates per second)

   — Dual MAC cycles per clock

   — 72-bit accumulators are the most accurate in the industry

   — 24k x 32 SRAM, 2k blocks - assignable to data or program

   — Internal ROM contains a variety of configurable sound enhancement feature sets

   — 8-channel internal DMA

   — Internal watch-dog DSP lock-up prevention

❐ DSP Tool Set w/ Private Keys for Protecting Customer IP

❐ Configurable Serial Audio Inputs/Outputs

   — Configurable for all input/output types

   — Maximum 32-bit @ 192 kHz

   — Supports 32-bit audio sample I/O between DSP chips

   — TDM input modes (multiple channels on same line)

   — 192 kHz SPDIF transmitter

   — Multi-channel DSD direct stream digital SACD input

❐ Supports Two Different Input Fs Sample Rates

   — Output can be master or slave

   — Dual processing path capability

   — Input supports dual domain slave clocking

   — Hardware assist time sampling for sample rate conversion

❐ Integrated Clock Manager/PLL

   — Can operate from external crystal, external oscillator

❐ Input Fs Auto Detection

❐ Host & Boot via Serial Interface

❐ Configurable GPIOs and External Interrupt Input

❐ 1.8V Core and a 3.3V I/O that is tolerant to 5V input

❐ Low-power Mode

   — “Energy-Star Ready” via low-power mode, 268 µW in standby



 




Similar Part No. - CS48540-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48540-CQZ CIRRUS-CS48540-CQZ Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results


Similar Description - CS48540-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com