Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1312 Datasheet (PDF) - Toshiba Semiconductor

2SA1312 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1312
Download  2SA1312 Download
File Size   215.95 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)

2SA1312 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1312 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1312
Download  2SA1312 Click to download

File Size   215.95 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)

2SA1312 Datasheet (HTML) - Toshiba Semiconductor


2SA1312 Product details

Audio Frequency Low Noise Amplifier Applications

•  High voltage: VCEO= −120 V
•  Excellent hFElinearity: hFE(IC= −0.1 mA)/ hFE(IC= −2 mA) h= 0.95 (typ.)
•  High hFE: hFE= 200~700
•  Low noise: NF (2) = 0.2dB (typ.), 3dB (max) at f = 1 kHz
•  Complementary to 2SC3324
•  Small package




Similar Part No. - 2SA1312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312 Datasheet
622Kb / 5P
Audio Frequency Low Noise Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1312 KEXIN-2SA1312 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Type
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results


Similar Description - 2SA1312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1815L TOSHIBA-2SC1815L Datasheet
214Kb / 3P
TRANSISTOR (AUDIO FREQUENCY VOLTAGE, LOW NOISE AMPLIFIER APPLICATIONS)
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-GR TOSHIBA-2SA1312-GR Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com