Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505 Datasheet (PDF) - Cirrus Logic

CS5505 Datasheet PDF - Cirrus Logic
Part # CS5505_09
Download  CS5505 Download
File Size   1033.02 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Very Low Power, 16-Bit and 20-Bit A/D Converters

CS5505 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5505 Datasheet PDF - Cirrus Logic

Part # CS5505_09
Download  CS5505 Click to download

File Size   1033.02 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Very Low Power, 16-Bit and 20-Bit A/D Converters

CS5505 Datasheet (HTML) - Cirrus Logic


CS5505 Product details

Description
The CS5505/6/7/8 are a family of low power CMOS A/D converters which are ideal for measuring low-frequency signals representing physical, chemical, and biological processes.
The CS5507/8 have single-channel differential analog and reference inputs while the CS5505/6 have four pseudo-differential analog input channels. The CS5505/7 have a 16-bit output word. The CS5506/8 have a 20-bit output word.The CS5505/6/7/8 sample upon command up to 100 Sps.
The on-chip digital filter offers superior line rejection at 50 and 60 Hz when the device is operated from a 32.768 kHz clock (output word rate = 20 Sps).
The CS5505/6/7/8 include on-chip self-calibration circuitry which can be initiated at any time or temperature to ensure minimum offset and full-scale errors.
The CS5505/6/7/8 serial port offers two general-purpose modes for the direct interface to shift registers or synchronous serial ports of industry-standard microcontrollers.

Features
● Very Low Power Consumption
   - Single supply +5 V operation: 1.7 mW
   - Dual supply ±5 V operation: 3.2 mW
● Offers superior performance to VFCs and
   multi-slope integrating ADCs
● Differential Inputs
   - Single Channel (CS5507/8) and Four-Channel
      (CS5505/6) pseudo-differential versions
● Either 5 V or 3.3 V Digital Interface
● Linearity Error:
   - ±0.0015% FS (16-bit CS5505/7)
   - ±0.0007% FS (20-bit CS5506/8)
● Output update rates up to 100 Sps
● Flexible Serial Port
● Pin-Selectable Unipolar/Bipolar Ranges




Similar Part No. - CS5505_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
More results


Similar Description - CS5505_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
Low-distortion Sampling 16-bit A/D Converters
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com