Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE100 Datasheet (PDF) - Cirrus Logic

VRE100 Datasheet PDF - Cirrus Logic
Part # VRE100
Download  VRE100 Download
File Size   638.05 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE100 Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE100 Datasheet PDF - Cirrus Logic

Part # VRE100
Download  VRE100 Click to download

File Size   638.05 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE100 Datasheet (HTML) - Cirrus Logic


VRE100 Product details

DESCRIPTION
VRE100 Series Precision Voltage References provide ultrastable +10 V (VRE100), -10 V (VRE101) and ±10 V (VRE102) outputs with ±0.5 mV initial accuracy and temperature coefficient as low as 0.5 ppm/°C over the full military temperature range. This improvement in accuracy is made possible by a unique, proprietary multipoint laser compensation technique. Significant improvements have been made in other performance parameters as well, including initial ac curacy, warm-up drift, line regulation, and long-term stability, making the VRE100 series the most accurate and stable 10 V reference available.

FEATURES
♦ Very High Accuracy: ±10 V Output, ±0.5 mV
♦ Extremely Low Drift: 0.5 ppm/ºC (-55ºC to +125ºC)
♦ Low Warm-up Drift: 1.0 ppm Typical
♦ Excellent Stability: 6 ppm/1000 Hrs. Typical
♦ Excellent Line Regulation: 3 ppm/V Typical
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option

APPlICATIONS
♦ Precision A/D and D/A Converters
♦ Transducer Excitation
♦ Accurate Comparator Threshold Reference
♦ High Resolution Servo Systems
♦ Digital Voltmeters
♦ High Precision Test and Measurement Instruments




Similar Part No. - VRE100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE100 CIRRUS-VRE100 Datasheet
858Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE100C ETC-VRE100C Datasheet
341Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE100C CIRRUS-VRE100C Datasheet
858Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE100CA ETC-VRE100CA Datasheet
341Kb / 5P
Precision Reference Supplies
More results


Similar Description - VRE100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com