Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE117M Datasheet (PDF) - Cirrus Logic

VRE117M Datasheet PDF - Cirrus Logic
Part # VRE117M
Download  VRE117M Download
File Size   766.24 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE117M Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE117M Datasheet PDF - Cirrus Logic

Part # VRE117M
Download  VRE117M Click to download

File Size   766.24 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE117M Datasheet (HTML) - Cirrus Logic


VRE117M Product details

DESCRIPTION
VRE117/119 Series Precision Voltage References provide ultrastable +3 V (VRE117), and ±3 V (VRE119) output with ±300 µV initial accuracy and temperature coefficient as low as 0.73 ppm/°C over the full military temperature range. This improvement in accuracy is made possible by a unique, proprietary multipoint laser compensation technique. Significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and long-term stability, making the VRE117/119 series the most accurate and stable 3 V reference available.

FEATURES
♦ Very High Accuracy: ±3 V Output, ±300 µV
♦ Extremely Low Drift: 0.73 ppm/°C (-55°C to +125°C)
♦ Low Warm-up Drift: 1 ppm Typical
♦ Excellent Stability: 6 ppm/1000 Hrs. Typical
♦ Excellent Line Regulation: 3 ppm/V Typical
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option

APPLICATIONS
♦ Precision A/D and D/A Converters
♦ Transducer Excitation
♦ Accurate Comparator Threshold Reference
♦ High Resolution Servo Systems
♦ Digital Voltmeters
♦ High Precision Test and Measurement Instruments




Similar Part No. - VRE117M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE117M ETC2-VRE117M Datasheet
425Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE117M CIRRUS-VRE117M Datasheet
816Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE117MA ETC2-VRE117MA Datasheet
425Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE117MA CIRRUS-VRE117MA Datasheet
816Kb / 5P
Precision Voltage Reference
More results


Similar Description - VRE117M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com