Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE306 Datasheet (PDF) - Cirrus Logic

VRE306 Datasheet PDF - Cirrus Logic
Part # VRE306
Download  VRE306 Download
File Size   539.67 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE306 Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE306 Datasheet PDF - Cirrus Logic

Part # VRE306
Download  VRE306 Click to download

File Size   539.67 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE306 Datasheet (HTML) - Cirrus Logic


VRE306 Product details

DESCRIPTION
The VRE306 is a low cost, high precision +6 V reference. Available in an industry standard 8-pin surface mount package, the device is ideal for upgrading systems that use lower performance references.

FEATURES
♦ +6 V Output, ± 0.6 mV (.01%)
♦ Temperature Drift: 0.6 ppm/ºC
♦ Low Noise: 4 μVP-P (0.1-10Hz)
♦ Industry Standard Pinout: 8-pin Surface Mount Package
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Output Trim Capability

APPLICATIONS
    The VRE306 is recommended for use as a reference for 14, 16, or 18 bit D/A converters which require an external precision reference. The device is also ideal for calibrating scale factor on high resolution A/D converters. The VRE306 offers superior performance over monolithic references.




Similar Part No. - VRE306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE306A ETC-VRE306A Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE306A ETC-VRE306A Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE306C ETC-VRE306C Datasheet
320Kb / 5P
Low Cost Precision Reference
More results


Similar Description - VRE306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com