Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE410B Datasheet (PDF) - Cirrus Logic

VRE410B Datasheet PDF - Cirrus Logic
Part # VRE410B
Download  VRE410B Download
File Size   676.21 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Dual Voltage Reference

VRE410B Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE410B Datasheet PDF - Cirrus Logic

Part # VRE410B
Download  VRE410B Click to download

File Size   676.21 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Dual Voltage Reference

VRE410B Datasheet (HTML) - Cirrus Logic


VRE410B Product details

DESCRIPTION

The VRE410 is a low cost, high precision, ±10 V refer ence. Available in a 14-pin SMT package, the device is ideal for new designs that need a high performance reference.

The device provides ultrastable ±10 V output with ±1.0 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/°C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique.



FEATURES

♦ ±10 V Output, ± 1.0 mV (.01%)

♦ Temperature Drift: 0.6 ppm/ºC

♦ Low Noise: 6 μVP-P (0.1-10Hz)

♦ Tracking Error: 0.5 mV Max.

♦ Excellent Line Regulation: 6 ppm/V Typical

♦ Surface Mount Package



APPLICATIONS

The VRE410 is recommended for use as a refer ence for high precision D/A and A/D converters which require an external precision reference. The device is also ideal for calibrating scale factor on high resolution A/D converters. The VRE410 offers superior performance over monolithic references.



 




Similar Part No. - VRE410B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE410B ETC-VRE410B Datasheet
1Mb / 20P
Precision Dual Reference
More results


Similar Description - VRE410B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE402 ETC-VRE402 Datasheet
1Mb / 20P
Precision Dual Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com