Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE4100 Datasheet (PDF) - Cirrus Logic

VRE4100 Datasheet PDF - Cirrus Logic
Part # VRE4100
Download  VRE4100 Download
File Size   660.21 Kbytes
Page   8 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE4100 Datasheet PDF - Cirrus Logic

Part # VRE4100
Download  VRE4100 Click to download

File Size   660.21 Kbytes
Page   8 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE4100 Datasheet (HTML) - Cirrus Logic


VRE4100 Product details

DEScription

The VRE4112/VRE4125/VRE4141 are low cost, high precision bandgap references that operate from +5 V. These devices feature low noise, digital error correction, and an SOIC-8 package. The ultra stable output is 0.05% accurate with a temperature coefficient as low as 1.0 ppm/ºC. The improvement in overall accuracy is made possible by using EEPROM registers and CMOS DAC’s for temperature and initial error correction. The DAC trimming is done after assembly which eliminates assembly related shifts.



FEATURES

♦ +1.250, +2.500, +4.096 V Output

♦ Initial Error: ± 0.05% Max.

♦ Temperature Drift: 1.0 ppm/ºC Max.

♦ Low Noise: 2.2 μVP-P (0.1 Hz-10 Hz, 1.024 V)

♦ Low Thermal Hysteresis: 20 ppm

♦ ±8 mA Output Source

♦ Power Down Mode

♦ Industry Standard SOIC 8-pin Package

♦ Commercial and Industrial Temp Ranges

♦ Second source for ADR29X, REF19X ,LT1460,

LT1461, LT1798, MAX616X, REF102



Applications

This series is recommended for use as a reference for 14, 16, or 18-bit data converters which require a precision reference. The series offers superior performance over standard on-chip references commonly found with data converters.




Similar Part No. - VRE4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE4100 ETC-VRE4100 Datasheet
232Kb / 7P
Low Cost, SOIC-8 Precision References
More results


Similar Description - VRE4100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com