Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1327A Datasheet (PDF) - Toshiba Semiconductor

2SA1327A Datasheet PDF - Toshiba Semiconductor
Part # 2SA1327A
Download  2SA1327A Download
File Size   152.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)

2SA1327A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1327A Datasheet PDF - Toshiba Semiconductor

Part # 2SA1327A
Download  2SA1327A Click to download

File Size   152.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)

2SA1327A Datasheet (HTML) - Toshiba Semiconductor


2SA1327A Product details

Strobe Flash Applications
Audio Power Amplifier Applications

• High DC current gain: hFE = 70 (min) (VCE = −2 V, IC = −1 A)
• Low collector saturation voltage: VCE (sat) = −0.5 V (max) (IC = −8 A, IB = −0.4 A)
• High collector power dissipation: PC = 20 W (Tc = 25°C)




Similar Part No. - 2SA1327A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1327A TOSHIBA-2SA1327A Datasheet
140Kb / 4P
Strobe Flash Applications Audio Power Amplifier Applications
2SA1327A TOSHIBA-2SA1327A_06 Datasheet
140Kb / 4P
Strobe Flash Applications Audio Power Amplifier Applications
More results


Similar Description - 2SA1327A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
153Kb / 2P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1314 TOSHIBA-2SA1314 Datasheet
164Kb / 3P
TRANSISTOR (STROBE FLASH, AUDIO POWER APPLICATIONS)
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1802 TOSHIBA-2SA1802 Datasheet
87Kb / 1P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC2500 TOSHIBA-2SC2500 Datasheet
153Kb / 2P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3072 TOSHIBA-2SC3072 Datasheet
152Kb / 3P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1314 TOSHIBA-2SA1314_07 Datasheet
159Kb / 4P
Strobe Flash Applications Audio Power Applications
2SA1357 TOSHIBA-2SA1357_07 Datasheet
140Kb / 4P
Strobe Flash Applications Audio Power Amplifier Applications
2SA1327A TOSHIBA-2SA1327A_06 Datasheet
140Kb / 4P
Strobe Flash Applications Audio Power Amplifier Applications
2SA1893 TOSHIBA-2SA1893_06 Datasheet
150Kb / 5P
Strobe Flash Applications Audio Power Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com